Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PUMZ1G-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # PUMZ1G-AL6-R
Description  NPN/PNP GENERAL PURPOSE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

PUMZ1G-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  PUMZ1G-AL6-R Datasheet HTML 1Page - Unisonic Technologies PUMZ1G-AL6-R Datasheet HTML 2Page - Unisonic Technologies PUMZ1G-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
PUMZ1
Preliminary
NPN/PNP SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R218-011.b
NPN/PNP GENERAL PURPOSE
TRANSISTORS
DESCRIPTION
The UTC PUMZ1 is a NPN/PNP transistor, specially used in
general purpose of switching and amplifying applications. Thus, two
NPN/PNP transistors are operated independently in an SOT-363
package.
FEATURES
* Low Current: 100mA (MAX.)
* Low Voltage: 40V (MAX.)
* Less Number of Components And Boardspace Required
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
PUMZ1L-AL6-R
PUMZ1G-AL6-R
SOT-363
E1
B1
C2
E2
B2
C1
Tape Reel
MARKING


Similar Part No. - PUMZ1G-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
PUMZ1G-AL6-R UTC-PUMZ1G-AL6-R Datasheet
116Kb / 4P
NPN/PNP GENERAL PURPOSE TRANSISTORS
More results

Similar Description - PUMZ1G-AL6-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PEMZ1 PHILIPS-PEMZ1 Datasheet
49Kb / 8P
NPN/PNP general purpose transistors
2001 Nov 07
PEMZ7 PHILIPS-PEMZ7 Datasheet
80Kb / 12P
NPN/PNP general purpose transistors
2001 Nov 07
PUMZ1 PHILIPS-PUMZ1 Datasheet
43Kb / 8P
NPN/PNP general purpose transistors
1999 Apr 14
PEMZ1 NXP-PEMZ1 Datasheet
114Kb / 7P
NPN/PNP general purpose transistors
2001 Nov 07
PEMZ7 NXP-PEMZ7 Datasheet
142Kb / 9P
NPN/PNP general purpose transistors
2001 Nov 07
PUMZ1 NXP-PUMZ1 Datasheet
111Kb / 7P
NPN/PNP general purpose transistors
2004 Oct 15
logo
Weitron Technology
BC846BPDW WEITRON-BC846BPDW Datasheet
517Kb / 9P
NPN/PNP Dual General Purpose Transistors
logo
Unisonic Technologies
PUMZ1 UTC-PUMZ1 Datasheet
116Kb / 4P
NPN/PNP GENERAL PURPOSE TRANSISTORS
logo
Diotec Semiconductor
BC817BPN DIOTEC-BC817BPN Datasheet
184Kb / 2P
SMD General Purpose NPN/PNP Transistors
logo
Nexperia B.V. All right...
PUMZ1 NEXPERIA-PUMZ1 Datasheet
291Kb / 8P
NPN/PNP general purpose transistors
2004 Oct 15
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com