Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF202G-X-AC3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # TF202G-X-AC3-R
Description  N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TF202G-X-AC3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  TF202G-X-AC3-R Datasheet HTML 1Page - Unisonic Technologies TF202G-X-AC3-R Datasheet HTML 2Page - Unisonic Technologies TF202G-X-AC3-R Datasheet HTML 3Page - Unisonic Technologies TF202G-X-AC3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
TF202
N-CHANNEL JFET
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R210-001.J
N-CHANNEL JFET CAPACITOR
MICROPHONE APPLICATIONS
DESCRIPTION
The UTC TF202 uses advanced trench technology to provide
excellent RDS (ON), low gate charge and operation with low gate
voltages. This device is suitable for use in capacitor microphone
applications.
FEATURES
*Suited for use in audio, telephone capacitor microphones.
*Good voltage characteristic.
*Good transient characteristic.
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
-
TF202G-x-AE3-R
SOT-23
S
D
G
Tape Reel
-
TF202G-x-AN3-R
SOT-523
S
D
G
Tape Reel
-
TF202G-x-AC3-R
SOT-113
S
D
G
Tape Reel
TF202L-x-A3C-R
TF202G-x-A3C-R
SOT-113S
S
D
G
Tape Reel
-
TF202G-x-AQ3-R
SOT-723
S
D
G
Tape Reel
Note: Pin Assignment: S: Source
D: Drain
G: Gate
(1) R: Tape Reel
(2) AC3: SOT-113, A3C: SOT-113S
AE3: SOT-23, AN3: SOT-523, AQ3: SOT-723
(3) x: refer to CLASSIFICATION OF IDSS
(4) G: Halogen Free and Lead Free, L: Lead Free
TF202G-x-AC3-R
(1)Packing Type
(2)Package Type
(3)Rank
(4)Green Package
MARKING
TF202-E3
TF202-E4
TF202-E5
E3
E4


Similar Part No. - TF202G-X-AC3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TF202G-X-AC3-R UTC-TF202G-X-AC3-R Datasheet
212Kb / 4P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results

Similar Description - TF202G-X-AC3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
TF202 UTC-TF202_11 Datasheet
212Kb / 4P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123 Datasheet
201Kb / 4P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
TF212 UTC-TF212_15 Datasheet
163Kb / 3P
CAPACITOR MICROPHONE APPLICATIONS
TF2123 UTC-TF2123_15 Datasheet
193Kb / 4P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
5N80 UTC-5N80_15 Datasheet
248Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
6N65Z UTC-6N65Z_15 Datasheet
245Kb / 6P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
8N60 UTC-8N60_15 Datasheet
238Kb / 9P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
7N60-R UTC-7N60-R Datasheet
341Kb / 8P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
2N60K-TA UTC-2N60K-TA Datasheet
242Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
13N40K-MT UTC-13N40K-MT Datasheet
216Kb / 7P
N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com