Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

TF202G-X-AQ3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # TF202G-X-AQ3-R
Description  N-CHANNEL JFET CAPACITOR MICROPHONE APPLICATIONS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

TF202G-X-AQ3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  TF202G-X-AQ3-R Datasheet HTML 1Page - Unisonic Technologies TF202G-X-AQ3-R Datasheet HTML 2Page - Unisonic Technologies TF202G-X-AQ3-R Datasheet HTML 3Page - Unisonic Technologies TF202G-X-AQ3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
TF202
N-CHANNEL JFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R210-001.J
ABSOLUTE MAXIMUM RATINGS ( TA=25°С, unless otherwise specified )
PARAMETER
SYMBOL
RATING
UNIT
Gate Drain Voltage
VGDO
-20
V
Gate Current
IG
10
mA
Drain Current
ID
10
mA
Power Dissipation
PD
100
mW
Junction Temperature
TJ
150
°С
Storage Temperature
TSTG
-55~+150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
Gate Drain Breakdown Voltage
BVGDO
IG=-100μA
-20
V
Gate Source Cut off Voltage
VGS(OFF)
VDS=2V, ID=1μA
-0.38
V
Zero-Gate Voltage Drain Current
IDSS
VDS=2V, VGS=0V
100
350
μA
Drain Current
ID
VDD=2V, RL=2.2kΩ,
Cg=5pF
IDSS=100μA
98
μA
IDSS=250μA
244
μA
IDSS=350μA
337
μA
Forward Transfer Admittance
lyfsl
VDS=2V, VGS=0V
1.43
mS
Input Capacitance
CISS
VDS=2, VGS=0, f=1MHz
5.0
pF
Voltage Gain
GV
VDD=2V, RL=2.2kΩ,
Cg=5pF, f=1kHz,
VIN=10mV
IDSS=100μA
0.1
dB
IDSS=250μA
1.95
dB
IDSS=350μA
2.25
dB
Delta Voltage Gain
∆GV
VIN=10mV, RL=2.2kΩ, Cg=5pF,
f=1kH, VDD=2V to1.5V
-0.5
dB
Frequency Characteristic
∆GV(f)
VIN=10mV, RL=2.2kΩ, Cg=5pF,
VDD=2V, f=1kHz to 110kHz
-0.2
dB
Output Noise Voltage
VNO
VDD=2V, Cg=5pF,
A-curve filter
RL=1kΩ
-107
dB
RL=2.2kΩ
-102
dB
Total Harmonic distortion
THD
VDD=2V, RL=2.2kΩ, Cg=5pF, f=1kHz,
VIN=50mV
0.9
%
CLASSIFICATION OF IDSS
RANK
E3
E4
E5
RANGE
100-170
140-240
210-350



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com