Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UD22KG-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UD22KG-AL6-R
Description  DIGITAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UD22KG-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UD22KG-AL6-R Datasheet HTML 1Page - Unisonic Technologies UD22KG-AL6-R Datasheet HTML 2Page - Unisonic Technologies UD22KG-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UD22K
Preliminary
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R221-020.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise noted)
LIMITS
PARAMETER
SYMBOL
TR1
TR2
UNIT
Collector-Emitter Voltage
VCEO
50
-50
V
Collector-Base Voltage
VCBO
-5 ~ + 30
-30 ~ + 5
V
Emitter-Base Voltage
VEBO
100
-100
mA
Collector Current - Continuous
IC
100
-100
mA
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
RATINGS
UNIT
Junction to Ambient
θJA
415
°C/W
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise noted)
TR1
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
VIN(OFF)
IC=100µA, IB=0
0.5
V
Input Voltage
VIN(ON)
IC=10µA, IE=0
1.3
V
Output Voltage
VOUT(ON) IE=10µA, IC=0
0.1
0.3
V
Input Current
IIN
VIN=5V
1.8
mA
Output Current
IO(OFF)
VCC=50V, VIN=0V
0.5
µA
ON CHARACTERISTICS
DC Current Gain
hFE
VOUT=5V, IOUT=10mA
80
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
VCE=-10V, IE=-5mA,
f=100MHz (Note 1)
250
MHz
Input Resistance
R1
3.29
4.7
6.11
KΩ
Resistance Ratio
R2/R1
8
10
12
TR2
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
VIN(OFF)
VCC=-5V, IOUT=-100μA
-0.5
V
Input Voltage
VIN(ON)
VOUT=-0.3V, IOUT=-5mA
-1.3
V
Output Voltage
VOUT(ON) IOUT/IIN=-5mA/-0.25mA
-0.1
-0.3
V
Input Current
IIN
VIN=-5V
-1.8
mA
Output Current
IO(OFF)
VCC=-50V, VIN=0V
-0.5
µA
ON CHARACTERISTICS
DC Current Gain
hFE
VOUT=5V, IOUT=10mA
80
SMALL SIGNAL CHARACTERISTICS
Transition Frequency
fT
VCE=-10V, IE=-5mA,
f=100MHz (Note 1)
250
MHz
Input Resistance
R1
3.29
3.7
6.11
KΩ
Resistance Ratio
R2/R1
8
10
12
Note: Transition frequency of the device.



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com