Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

MTE1122 Datasheet(PDF) 4 Page - Microchip Technology

Part # MTE1122
Description  Energy Management Controller IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MTE1122 Datasheet(HTML) 4 Page - Microchip Technology

  MTE1122 Datasheet HTML 1Page - Microchip Technology MTE1122 Datasheet HTML 2Page - Microchip Technology MTE1122 Datasheet HTML 3Page - Microchip Technology MTE1122 Datasheet HTML 4Page - Microchip Technology MTE1122 Datasheet HTML 5Page - Microchip Technology MTE1122 Datasheet HTML 6Page - Microchip Technology MTE1122 Datasheet HTML 7Page - Microchip Technology MTE1122 Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
MTE1122
DS21112B-page 4
Preliminary
© 1995 Microchip Technology Inc.
ELECTRICAL CHARACTERISTICS
Absolute Maximum Rating †
Ambient temperature under bias .................................................................................................................-55 to +125°C
Storage Temperature.............................................................................................................................. -65°C to +150°C
Voltage on any pin with respect to VSS (except VDD and RESET).................................................... -0.6V to VDD +0.6V
Voltage on VDD with respect to VSS ..................................................................................................................0 to +7.5V
Voltage on RESET with respect to VSS (Note 1) ................................................................................................0 to +14V
Total power Dissipation (Note 2) ...........................................................................................................................800mW
Max. Current out of VSS pin ...................................................................................................................................150mA
Max. Current into VDD pin ......................................................................................................................................100mA
Input Clamping Current, IIK (VI<0 or VI>VDD)
.................................................................................................................. ±20mA
Output Clamping Current, IOK (V0<0 or V0>VDD)
.......................................................................................................... ±20mA
Max. Output Current sunk by any I/O pin .................................................................................................................25mA
Max. Output Current sourced by any I/O pin............................................................................................................20mA
Note 1: Voltage spikes below VSS at the RESET pin, inducing currents greater than 80mA, may cause latch-up.
Thus, a series resistor of 50-100
Ω should be used when applying a "low' level to the RESET pin rather than
pulling this pin directly to VSS.
Note 2: Total power dissipation should not exceed 800 mW for the package. Power dissipation is calculated as fol-
lows:
PDIS = VDD x {IDD -
∑ IOH} + ∑ {(VDD-VOH) x IOH} + ∑(VOL x IOL)
TABLE 2:
DC CHARACTERISTICS POWER SUPPLY PINS
†NOTICE: Stresses above those listed under “Maximum Ratings” may cause permanent damage to the device. This
is a stress rating only and functional operation of the device or compliance to AC and DC parametric specifications at
those or any other conditions above those indicated in the operation listings of this specification is not implied. Expo-
sure to maximum rating conditions for extended periods may affect device reliability.
Power Supply Pins
Standard Operating Conditions (unless otherwise stated)
Operating temperature
-40°C
≤ TA ≤ + 85°C for industrial,
0°C
≤ TA ≤ +70°C for commercial
Operating voltage VDD = 4.0V to 6.0V
Characteristic
Sym
Min
Typ
(Note 1)
Max Units
Conditions
Supply Voltage
VDD
4.0
6.0
V
VDD start voltage to guarantee
power on reset
VPOR
Vss
V
VDD rise rate to guarantee
Power-On Reset (Note 2)
SVDD
0.05
V/ms
Supply Current (Note 3)
IDD
1.8
3.3
mA
FOSC = 4 MHz, VDD = 5.5V
Note 1: Data in the column labeled “Typical” is based on characterization results at 25
°C. This data is for design guidance only and
is not tested for, or guaranteed by Microchip Technology.
2: This parameter is characterized but not tested.
3: The supply current is mainly a function of the operating voltage and frequency. Other factors such as I/O pin loading and
switching rate, oscillator type, internal code execution pattern, and temperature also have an impact on the current con-
sumption.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com