Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UDN302G-AE3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UDN302G-AE3-R
Description  P-CHANNEL 2.5V SPECIFIED POWERTRENCH MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UDN302G-AE3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UDN302G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UDN302G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UDN302G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UDN302G-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UDN302
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R502-278.B
P-CHANNEL 2.5V SPECIFIED
POWERTRENCH MOSFET
DESCRIPTION
The UDN302 uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in PWM
applications.
FEATURES
* RDS(ON)=55mΩ @ VGS=-4.5V
* RDS(ON)=80mΩ @ VGS=-2.5V
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
2.Gate
1.Source
3.Drain
ORDERING INFORMATION
Ordering Number
Pin Assignment
Lead Free
Halogen Free
Package
1
2
3
Packing
UDN302L-AE3-R
UDN302G-AE3-R
SOT-23
S
G
D
Tape Reel
MARKING
NC03
L: Lead Free
G: Halogen Free


Similar Part No. - UDN302G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UDN302G-AE3-R UTC-UDN302G-AE3-R Datasheet
206Kb / 4P
P-CHANNEL 2.5V SPECIFIED POWERTRENCH MOSFET
More results

Similar Description - UDN302G-AE3-R

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDN302P FAIRCHILD-FDN302P Datasheet
103Kb / 5P
P-Channel 2.5V Specified PowerTrench MOSFET
FDN342P FAIRCHILD-FDN342P Datasheet
307Kb / 8P
P-Channel 2.5V Specified PowerTrench??MOSFET
FDR840P FAIRCHILD-FDR840P Datasheet
78Kb / 5P
P-Channel 2.5V Specified PowerTrench MOSFET
SI4463DY FAIRCHILD-SI4463DY Datasheet
49Kb / 3P
P-Channel 2.5V Specified PowerTrench MOSFET
SI6463DQ FAIRCHILD-SI6463DQ Datasheet
97Kb / 5P
P-Channel 2.5V Specified PowerTrench MOSFET
FDW264P FAIRCHILD-FDW264P Datasheet
153Kb / 5P
P-Channel 2.5V Specified PowerTrench MOSFET
FDC602P FAIRCHILD-FDC602P_01 Datasheet
66Kb / 5P
P-Channel 2.5V PowerTrench Specified MOSFET
FDC634P FAIRCHILD-FDC634P_01 Datasheet
138Kb / 5P
P-Channel 2.5V Specified PowerTrench MOSFET
FDC638P FAIRCHILD-FDC638P_01 Datasheet
156Kb / 5P
P-Channel 2.5V PowerTrench Specified MOSFET
logo
Guangdong Kexin Industr...
KDS6375 KEXIN-KDS6375 Datasheet
66Kb / 2P
P-Channel 2.5V Specified PowerTrench MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com