Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UG9KG-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UG9KG-AL6-R
Description  COMPOUND TRANSISTORS UG9K
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UG9KG-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UG9KG-AL6-R Datasheet HTML 1Page - Unisonic Technologies UG9KG-AL6-R Datasheet HTML 2Page - Unisonic Technologies UG9KG-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UG9K
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-008.E
ABSOLUTE MAXIMUM RATINGS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Emitter-Base Voltage
VEBO
10
V
Collector Current
IC
100
mA
Collector Power Dissipation
PC
150
mW
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
-55 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=100µA
50
V
VIN(ON)
VCE=0.3V, IC=10mA
3
Input Voltage
VIN(OFF)
VCE=5V, IC=100µA
0.5
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC/IB=10mA/0.5mA
0.1
0.3
V
Collector Cutoff Current
ICBO
VCB=50V
0.1
µA
DC Current Transfer Ratio
hFE
VCE=5V, IC=5mA
30
Transition Frequency
fT
VCE=10V, IE=-5mA
250
MHz
Input Resistance
R1
7
10
13
kΩ
Resistor Ratio
R2/R1
0.8
1
1.2



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com