Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP1853G-AA3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UP1853G-AA3-R
Description  HIGH CURRENT SWITCHING APPLICATION
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP1853G-AA3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UP1853G-AA3-R Datasheet HTML 1Page - Unisonic Technologies UP1853G-AA3-R Datasheet HTML 2Page - Unisonic Technologies UP1853G-AA3-R Datasheet HTML 3Page - Unisonic Technologies UP1853G-AA3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UP1853
PNP SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R207-019.D
TYPICAL CHARACTERISTICS
0
0.2
0.6
1.0
1.2
1.6
0.01
0.1
1
10
Collector-Emitter Saturation Voltage vs.
Collector Current
Collector Current, IC (A)
0.4
0.8
1.4
20
0.001
TA=25°C
IC/IB=10
IC/IB=50
0
0.2
0.6
1.0
1.2
1.6
0.01
0.1
1
10
Collector-Emitter Saturation Voltage vs.
Collector Current
Collector Current, IC (A)
0.4
0.8
1.4
20
0.001
-55°C
+25°C
+175°C
IC/IB=10
0.2
0.6
1.4
0.01
0.1
1
10
DC Current Gain vs. Collector Current
Collector Current, IC (A)
1.0
0.8
1.2
0.01
0.1
1
10
Collector Current, IC (Amps)
1.6
0.4
0
0.4
0.8
1.2
1.6
0.6
1.0
1.4
20
VCE=1V
+100°C
-55°C
+25°C
Base-Emitter Saturation Voltage vs.
Collector Current
0.001
IC/IB=10
+25°C
-55°C
20
0.2
0
+100°C
+175°C
0.001
1
1
10
100
Collector Voltage, VCE (V)
10
0.1
Single Pulse Test at Ta=25°C
0.1
0.01
0.8
1.2
0.01
0.1
1
10
Collector Current, IC (A)
1.6
0.4
0.6
1.0
1.4
Base-Emitter Turn-On Voltage vs.
Collector Current
0.001
IC/IB=10
+25°C
-55°C
20
0.2
0
+100°C
+175°C
0.1ms
Safe Operating Area
1.0ms
10ms
100ms
1s
D.C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com