Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3PP Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3PP
Description  COMPOSITE TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3PP Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3PP_15 Datasheet HTML 1Page - Unisonic Technologies UT3PP_15 Datasheet HTML 2Page - Unisonic Technologies UT3PP_15 Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UT3PP
Preliminary
DUAL TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-009.d
ABSOLUTE MAXIMUM RATINGS (TA=25°С)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
-50
V
Collector-Emitter Voltage
VCEO
-50
V
Emitter-Base Voltage
VEBO
-6
V
Collector Current
IC
-100
mA
Peak Collector Current
ICM
-200
mA
Collector Power dissipation
PC
125
mW
Junction Temperature
TJ
+150
°С
Storage Temperature
TSTG
−55 ~ +150
°С
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°С, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
Collector-Base Breakdown Voltage
BVCBO
IC=-100µA
-50
V
Collector-Emitter Saturation Voltage
VCE(SAT)
IC =-10mA ,IB =-0.5mA
-0.3
V
Collector Cutoff Current
ICBO
VCB=-50V
-0.1
µA
DC Current Transfer Ratio
hFE
VCE=-5V, IC=-1mA
100
Transition Frequency
fT
VCE=-6V, IE=10mA
150
MHz
Input Resistance
R1
0.7
1.0
1.3
kΩ



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com