Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT2301G-AE3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT2301G-AE3-R
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT2301G-AE3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT2301G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT2301G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT2301G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT2301G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UT2301G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT2301
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 4
www.unisonic.com.tw
QW-R502-118.J
TYPICAL CHARACTERISTICS(Cont.)
D=0.5
0.2
0.1
0.02
0.05
Single Pulse
1
0.1
0.01
0.0001
0.001
0.01
0.1
1
Transient Thermal Impedance
Pulse Duration (sec)
-0.2
0
0
-0.5
Drain Current vs. Source to Drain Voltage
Source to Drain Voltage, VSD (V)
-0.8
-0.4
-0.6
-1.5
-0.3
-6
0
0
-2
-4
-5
Drain-Source On-State Resistance Characteristics
Drain to Source Voltage, VDS (V)
-1
-0.2
-0.1
-3
-0.4
VGS=-4.5V,
ID=-2.8A
VGS=-2.5V
ID=-2A
-2
-1
-1
-0.5
-0.2
0
0
-50
Drain Current vs. Gate Threshold
Voltage
Gate Threshold Voltage, VTH (V)
-250
-100
-150
-200
-300
Drain Current vs. Drain-Source
Breakdown Voltage
0
0
-50
Drain-Source Breakdown Voltage, BVDSS(V)
-30
-250
-10
-100
-150
-200
-300
-20
-40
-350
-400
-0.4
-0.8
-0.6
-50
-500



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com