Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3413G-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT3413G-AE3-R
Description  P-CHANNEL ENHANCEMENT MODE
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3413G-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT3413G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT3413G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT3413G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT3413G-AE3-R Datasheet HTML 4Page - Unisonic Technologies UT3413G-AE3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT3413
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-159.F
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATING
UNIT
Drain-Source Voltage
VDSS
-20
V
Gate-Source Voltage
VGSS
±8
V
Continuous Drain Current (Note 3)
ID
-3
A
Pulsed Drain Current (Note 1, 2)
IDM
-15
A
Power Dissipation
PD
1.4
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note 3)
θJA
70
90
°C/W
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0V, ID =-250µA
-20
V
Drain-Source Leakage Current
IDSS
VDS =-16V, VGS =0 V
-1
µA
Gate-Source Leakage Current
IGSS
VDS =0V, VGS = ±8 V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =-250 µA
-0.3
-0.55
-1
V
Drain-Source On-State Resistance(Note 2)
RDS(ON)
VGS =-4.5 V, ID =-3 A
81
97
mΩ
VGS =-2.5 V, ID =-2.6 A
108
130
mΩ
VGS =-1.8 V, ID =-1A
146
190
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS =-10 V, VGS =0V, f=1MHz
540
pF
Output Capacitance
COSS
72
pF
Reverse Transfer Capacitance
CRSS
49
pF
SWITCHING PARAMETERS
Turn-ON Delay Time (Note 2)
tD(ON)
VGS=-4.5V,VDS=-10V,
RL=3.3Ω, RGEN =3Ω
10
ns
Turn-ON Rise Time
tR
12
ns
Turn-OFF Delay Time
tD(OFF)
44
ns
Turn-OFF Fall Time
tF
22
ns
Total Gate Charge (Note 2)
QG
VDS=-10V, VGS =-4.5V, ID=-3A
6.1
nC
Gate-Source Charge
QGS
0.6
nC
Gate-Drain Charge
QGD
1.6
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward
Voltage(Note2)
VSD
IS=-1A, VGS=0V
-0.78
-1
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
-2
A
Reverse Recovery Time
tRR
IF=-3 A, dI/dt=100A/μs
21
ns
Reverse Recovery Charge
QRR
7.5
nC
Notes: 1. Pulse width limited by TJ(MAX)
2. Pulse width ≤300μs, duty cycle ≤2%.
3. Surface mounted on 1 in
2 copper pad of FR4 board



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com