Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3419G-AE3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT3419G-AE3-R
Description  ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3419G-AE3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT3419G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UT3419G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UT3419G-AE3-R Datasheet HTML 3Page - Unisonic Technologies UT3419G-AE3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT3419
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-391.F
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX
UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS VGS=0V, ID=-250µA
-20
V
Drain-Source Leakage Current
IDSS
VDS=-16V,VGS=0V
-0.5
µA
Gate-Source Leakage Current
IGSS
VDS=0V ,VGS=±10V
±100
nA
VDS=0V ,VGS=±12V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH) VDS= VGS, ID=-250µA
-0.7
-0.9
-1.4
V
On State Drain Current
ID(ON)
VGS=-4.5V, VDS=-5V
-15
A
Drain-Source On-State Resistance
RDS(ON)
VGS=-10V,ID=-3.5A
59
75
mΩ
VGS=-4.5V, ID=-3A
76
95
mΩ
VGS=-2.5V, ID=-1A
111
145
mΩ
Forward Transconductance
gFS
VDS=-5V, ID=-3.5A
6.8
S
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=-10V,VGS=0V,
f =1MHz
512
620
pF
Output Capacitance
COSS
77
pF
Reverse Transfer Capacitance
CRSS
62
pF
Gate Resistance
RG
VGS =0V, VDS =0V, f =1MHz
9.2
13
Ω
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=-10V,VGS=-4.5V,
ID=-3.5A
5.5
6.6
nC
Gate-Source Charge
QGS
0.8
nC
Gate-Drain Charge
QGD
1.9
nC
Turn-ON Delay Time
tD(ON)
VDS=-10V,VGS=-10V,
RL=2.8Ω, RGEN=3Ω
5
ns
Turn-ON Rise Time
tR
6.7
ns
Turn-OFF Delay Time
tD(OFF)
28
ns
Turn-OFF Fall Time
tF
13.5
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=-1A, VGS =0V
-0.65
-0.81
-0.95
V
Maximum Body-Diode Continuous
Current
IS
-2
A
Body Diode Reverse Recovery Time
trr
IF=-3.5A, dI/dt=100A/μs
9.8
12
ns
Body Diode Reverse Recovery Charge
QRR
IF=-3.5A, dI/dt=100A/μs
2.7
nC
Notes: 1. The θJA is the sum of the thermal impedance from junction to lead θJL and lead to ambient.
2. These tests are performed with the device mounted on 1 in
2 FR-4 board with 2oz. Copper, in a still air
environment with TA=25°C. The SOA curve provides a single pulse rating.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com