Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3443G-AG6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3443G-AG6-R
Description  P-CHANNEL 2.5-V (G-S) MOSFET
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3443G-AG6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3443G-AG6-R Datasheet HTML 1Page - Unisonic Technologies UT3443G-AG6-R Datasheet HTML 2Page - Unisonic Technologies UT3443G-AG6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3443
Power MOSFET
www.unisonic.com.tw
1 of 3
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-557.B
P-CHANNEL 2.5-V (G-S)
MOSFET
DESCRIPTION
The UTC UT3443 is a P-channel power MOSFET using UTC’s
advanced trench technology to provide customers with a minimum
on-state resistance and extremal low gate charge with a 12V gate
rating.
FEATURES
* VDS(V)= -20V
* ID=-4.5A
*RDS(ON) < 100mΩ @VGS = -2.5V,
RDS(ON) < 65mΩ @VGS = -4.5V
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
1
2
3
4
5
6
UT3443G-AG6-R
SOT-26
D
D
G
S
D
D
Tape Reel
Note: Pin Assignment: G: Gate D: Drain
S: Source
MARKING
CD3G
12 3
4
5
6


Similar Part No. - UT3443G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3443G-AG6-R UTC-UT3443G-AG6-R Datasheet
149Kb / 4P
P-CHANNEL 2.5-V (G-S) MOSFET
More results

Similar Description - UT3443G-AG6-R

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
SI4493DY VISHAY-SI4493DY Datasheet
44Kb / 5P
P-Channel 2.5-V (G-S) MOSFET
07-Jul-03
SI2301ADS VISHAY-SI2301ADS Datasheet
39Kb / 4P
P-Channel 2.5-V (G-S) MOSFET
29-Apr-02
SI6433BDQ VISHAY-SI6433BDQ_08 Datasheet
100Kb / 6P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
SI1403BDL VISHAY-SI1403BDL Datasheet
130Kb / 6P
P-Channel 2.5-V (G-S) MOSFET
10-Sep-07
logo
Guangdong Kexin Industr...
KI2301BDS KEXIN-KI2301BDS Datasheet
50Kb / 2P
P-Channel 2.5-V (G-S) MOSFET
KI1303EDL KEXIN-KI1303EDL Datasheet
60Kb / 2P
P-Channel 2.5-V (G-S) MOSFET
logo
Vishay Siliconix
SI3443DV-T1 VISHAY-SI3443DV-T1 Datasheet
64Kb / 5P
P-Channel 2.5-V (G-S) MOSFET
29-Sep-97
SI6433BDQ-T1-GE3 VISHAY-SI6433BDQ-T1-GE3 Datasheet
209Kb / 11P
P-Channel 2.5-V (G-S) MOSFET
31-Mar-08
SI3443BDV VISHAY-SI3443BDV Datasheet
210Kb / 10P
P-Channel 2.5-V (G-S) MOSFET
20-Apr-09
SI2301BDS VISHAY-SI2301BDS_V01 Datasheet
180Kb / 8P
P-Channel 2.5 V (G-S) MOSFET
17-Oct-11
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com