Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT8205AG-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT8205AG-S08-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT8205AG-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT8205AG-S08-R Datasheet HTML 1Page - Unisonic Technologies UT8205AG-S08-R Datasheet HTML 2Page - Unisonic Technologies UT8205AG-S08-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
UT8205A
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 3
www.unisonic.com.tw
QW-R502-287.C
TYPICAL CHARACTERISTICS
Drain Current vs. Drain-Source
Breakdown Voltage
0
Drain-Source Breakdown Voltage, BVDSS(V)
10
20
30
0
5
15
25
50
100
150
200
250
300
0.2
0
0
Drain Current vs. Gate Threshold
Voltage
Gate Threshold Voltage, VTH (V)
0.6
1.0
100
150
200
0.4
0.8
1.2
50
250
300
0
Source to Drain Voltage, VSD (V)
0
0.2
0.6
0.4
0.8
0.4
0.8
1.2
1.6
2.0
0
Drain-Source On-State Resistance
Characteristics
Drain to Source Voltage, VDS (mV)
50
100
150
200
0
250
1
2
3
4
5
6
7
300
VGS=2.5V
ID=5.2A
VGS=4.5V
ID=6A
Drain Current vs. Source to Drain
Voltage
1.0
0.2
0.6
1.0
1.4
1.8



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com