Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTM2054L-AB3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UTM2054L-AB3-R
Description  N-CHANNEL ENHANCEMENT MODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTM2054L-AB3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UTM2054L-AB3-R Datasheet HTML 1Page - Unisonic Technologies UTM2054L-AB3-R Datasheet HTML 2Page - Unisonic Technologies UTM2054L-AB3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UTM2054
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R502-289.B
ABSOLUTE MAXIMUM RATINGS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
20
V
Gate-Source Voltage
VGSS
±16
V
Drain Current (VGS=10V)
Continuous
ID
5
A
Pulsed
IDM
20
Diode Continuous Forward Current
IS
3
A
Power Dissipation
SOT-89
PD
1.47
W
SOT-23
1.25
W
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Note: Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
20
V
Drain-Source Leakage Current
IDSS
VDS=16V, VGS=0V
1
μA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±16V
±100 nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
0.6
0.9
1.5
V
Static Drain-Source On-State Resistance
(Note)
RDS(ON)
VGS=10V, IDS=5A
35
40
mΩ
VGS=4.5V, IDS=3.5A
45
54
VGS=2.5V, IDS=2.5A
110 130
DYNAMIC CHARACTERISTICS
Input Capacitance
CISS
VDS=15V, VGS=0V, f=1.0MHz
450
pF
Output Capacitance
COSS
100
pF
Reverse Transfer Capacitance
CRSS
60
pF
Gate resistance
RG
VGS=0V, VDS=0V, f=1MHz
2.5
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
VDD=10V, RL=10Ω, IDS=1A,
VGEN=4.5V, RG=6Ω
7
10
ns
Turn-On Rise Time
tR
15
25
ns
Turn-Off Delay Time
tD(OFF)
19
26
ns
Turn-Off Fall Time
tF
6
7
ns
Total Gate Charge
QG
VDS=10V, VGS=4.5V, IDS=5 A
11.5
15
nC
Gate-Source Charge
QGS
3.8
nC
Gate-Drain Charge
QDD
5.2
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage (Note)
VSD
ISD=3A, VGS=0V
0.7
1.3
V
Note: Pulse width≦300μs, Duty cycle≦2%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com