Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH10KG-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UH10KG-AL6-R
Description  DUAL DIGITAL TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH10KG-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UH10KG-AL6-R Datasheet HTML 1Page - Unisonic Technologies UH10KG-AL6-R Datasheet HTML 2Page - Unisonic Technologies UH10KG-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UH10K
NPN SILICON TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2009 Unisonic Technologies Co., Ltd
QW-R218-010.A
GENERAL PURPOSE (DUAL
DIGITAL TRANSISTORS)
FEATURES
* Two UTC DTC123J chips in a SOT-363 package.
* Halogen Free
EQUIVALENT CIRCUIT (R1=2KΩ, R2=47KΩ)
R1
R2
R1
R2
1
6
2
3
4
5
TR1
TR2
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
4
5
6
Packing
UH10KG-AL6-R
SOT-363
E1
B1
C2
E2
B2
C1
Tape Reel
MARKING
UHKKG
1
23
4
5
6


Similar Part No. - UH10KG-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UH10KG-AL6-R UTC-UH10KG-AL6-R Datasheet
109Kb / 3P
GENERAL PURPOSE (DUAL DIGITAL TRANSISTORS)
More results

Similar Description - UH10KG-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UG9H UTC-UG9H_15 Datasheet
131Kb / 3P
DUAL DIGITAL TRANSISTORS
logo
Jiangsu Changjiang Elec...
UMA5N JIANGSU-UMA5N Datasheet
1Mb / 4P
Dual Digital Transistors
UMC4N JIANGSU-UMC4N Datasheet
1Mb / 5P
Dual Digital Transistors
UMD2N JIANGSU-UMD2N Datasheet
2Mb / 5P
Dual Digital Transistors
UMG2N JIANGSU-UMG2N Datasheet
1Mb / 4P
Dual Digital Transistors
UMH4N JIANGSU-UMH4N Datasheet
1Mb / 4P
Dual Digital Transistors
UMH6N JIANGSU-UMH6N Datasheet
1Mb / 4P
Dual Digital Transistors
UMH7N JIANGSU-UMH7N Datasheet
1Mb / 4P
Dual Digital Transistors
UMH10N JIANGSU-UMH10N Datasheet
2Mb / 4P
Dual Digital Transistors
UMH11N JIANGSU-UMH11N Datasheet
2Mb / 4P
Dual Digital Transistors
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com