Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UH11KG-AL6-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UH11KG-AL6-R
Description  DUAL BIAS RESISTOR TRANSISTORS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UH11KG-AL6-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UH11KG-AL6-R Datasheet HTML 1Page - Unisonic Technologies UH11KG-AL6-R Datasheet HTML 2Page - Unisonic Technologies UH11KG-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UH11K
Preliminary
NPN EPITAXIAL SILICON TRANSISTOR
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R218-027.b
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Collector-Base Voltage
VCBO
50
V
Collector-Emitter Voltage
VCEO
50
V
Collector Current
IC
100
mA
Power Dissipation
PD
150
mW
Junction Temperature
TJ
-55~+150
°C
Storage Temperature
TSTG
-55~+150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Collector-Base Breakdown Voltage
BVCBO IC=10µA, IE=0
50
V
Collector-Emitter Breakdown Voltage (Note 1)
BVCEO IC=2.0mA, IB=0
50
V
Collector-Base Cutoff Current
ICBO
VCB=50V, IE=0
100
nA
Collector-Emitter Cutoff Current
ICEO
VCE=50V, IB=0
500
nA
Emitter-Base Cutoff Current
IEBO
VEB=6.0V, IC=0
0.5
mA
ON CHARACTERISTICS
(Note 2)
DC Current Gain
hFE
VCE=10V, IC=5.0mA
35
60
Output Voltage (on)
VOL
VCC=5.0V, VB=2.5V, RL=1.0 kΩ
0.2
V
ON CHARACTERISTICS
(Note 2)
Input Resistor
R1
7.0
10
13
kΩ
Resistor Ratio
R1/R2
0.8
1.0
1.2
kΩ
Notes: 1. Pulse Test: Pulse Width<300µs, Duty Cycle<2.0%
2. Pulse Test: Pulse Width<300ms, Duty Cycle<2.0%



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com