Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UJ0100G-AE3-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UJ0100G-AE3-R
Description  LOW-FREQUENCY GENERAL-PURPOSE AMPLIFIER APPLICATIONS
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UJ0100G-AE3-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UJ0100G-AE3-R Datasheet HTML 1Page - Unisonic Technologies UJ0100G-AE3-R Datasheet HTML 2Page - Unisonic Technologies UJ0100G-AE3-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
UJ0100
JEET
UNISONICTECHNOLOGIESCO.,LTD
2 of 3
www.unisonic.com.tw
QW-R203-044.B
ABSOLUTE MAXIMUM RATINGS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain to Source Voltage
VDSS
30
V
Gate to Source Voltage
VGSS
-30
V
Gate Current
IG
10
mA
Drain Current
ID
20
mA
Power Dissipation
PD
200
mW
Junction Temperature
TJ
150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP MAX UNIT
OFF CHARACTERISTICS
Gate to Drain Breakdown Voltage
BVGDS
IG=-10µA
-30
V
Drain-Source Leakage Current
IDSS
VDS=10V,VGS=0V
0.6
2.5
mA
Gate-Source Leakage Current
IGSS
VGS=-20V
-1.0
nA
ON CHARACTERISTICS
Gate Cutoff Voltage
VGS(OFF)
VDS=10V, ID=1µA
-1
-4
V
Drain-Source On-State Resistance
RDS(ON)
VDS=10mV, VGS=0V
250
Forward Transfer Admittance
|YFS|
VDS=10V, VGS=0V, f =1MHz
2.5
6.0
mS
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=10V,VGS=0V,f =1MHz
5
pF
Reverse Transfer Capacitance
CRSS
1.5
pF



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com