Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

27C04AF-25IP Datasheet(PDF) 2 Page - Microchip Technology

Part # 27C04AF-25IP
Description  4K (512 x 8) CMOS EEPROM
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

27C04AF-25IP Datasheet(HTML) 2 Page - Microchip Technology

  27C04AF-25IP Datasheet HTML 1Page - Microchip Technology 27C04AF-25IP Datasheet HTML 2Page - Microchip Technology 27C04AF-25IP Datasheet HTML 3Page - Microchip Technology 27C04AF-25IP Datasheet HTML 4Page - Microchip Technology 27C04AF-25IP Datasheet HTML 5Page - Microchip Technology 27C04AF-25IP Datasheet HTML 6Page - Microchip Technology 27C04AF-25IP Datasheet HTML 7Page - Microchip Technology 27C04AF-25IP Datasheet HTML 8Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
28C04A
DS11126F-page 2
© 1996 Microchip Technology Inc.
1.0
ELECTRICAL CHARACTERISTICS
1.1
MAXIMUM RATINGS*
VCC and input voltages w.r.t. VSS ....... -0.6V to + 6.25V
Voltage on OE w.r.t. VSS...................... -0.6V to +13.5V
Output Voltage w.r.t. VSS .................-0.6V to VCC+0.6V
Storage temperature .......................... -65˚C to +125˚C
Ambient temp. with power applied ....... -50˚C to +95˚C
*Notice: Stresses above those listed under “Maximum Ratings”
may cause permanent damage to the device. This is a stress rat-
ing only and functional operation of the device at those or any
other conditions above those indicated in the operation listings of
this specification is not implied. Exposure to maximum rating con-
ditions for extended periods may affect device reliability.
TABLE 1-1:
PIN FUNCTION TABLE
Name
Function
A0 - A8
Address Inputs
CE
Chip Enable
OE
Output Enable
WE
Write Enable
I/O0 - I/O7
Data Inputs/Outputs
VCC
+5V Power Supply
VSS
Ground
NC
No Connect; No Internal Connection
NU
Not Used; No External Connection is
Allowed
TABLE 1-2:
READ/WRITE OPERATION DC CHARACTERISTICS
VCC = +5V
±10%
Commercial (C): Tamb =
0˚C to +70˚C
Industrial
(I): Tamb =
-40˚C to +85˚C
Parameter
Status
Symbol
Min
Max
Units
Conditions
Input Voltages
Logic ‘1’
Logic ‘0’
VIH
VIL
2.0
-0.1
VCC+1
0.8
V
V
Input Leakage
ILI
-10
10
µAVIN = -0.1V to VCC+1
Input Capacitance
CIN
10
pF
VIN = 0V; Tamb = 25˚C;
f = 1 MHz
Output Voltages
Logic ‘1’
Logic ‘0’
VOH
VOL
2.4
0.45
V
V
IOH = -400
µA
IOL = 2.1 mA
Output Leakage
ILO
-10
10
µAVOUT = -0.1V TO VCC + 0.1V
Output Capacitance
COUT
12
pF
VIN = 0V; TAMB = 25˚C;
f = 1 MHz
Power Supply Current, Active
TTL input
ICC
30
mA
f = 5 MHz (Note 1)
VCC = 5.5V
Power Supply Current, Standby
TTL input
TTL input
CMOS input
ICC(S)TTL
ICC(S)TTL
ICC(S)CMOS
2
3
100
mA
mA
µA
CE = VIH (0˚C to +70˚C)
CE = VIH (-40˚C to +85˚C)
CE = VCC-0.3 to Vcc+1
Note 1: AC power supply current above 5 MHz; 1 mA/MHz.



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com