Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UMZ1NG-AL6-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UMZ1NG-AL6-R
Description  GENERAL PURPOSE DUAL TRANSISTOR
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UMZ1NG-AL6-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UMZ1NG-AL6-R Datasheet HTML 1Page - Unisonic Technologies UMZ1NG-AL6-R Datasheet HTML 2Page - Unisonic Technologies UMZ1NG-AL6-R Datasheet HTML 3Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UMZ1N
Preliminary
DUAL TRANSISTOR
www.unisonic.com.tw
1 of 3
Copyright © 2013 Unisonic Technologies Co., Ltd
QW-R218-024.a
GENERAL PURPOSE
TRANSISTOR
DESCRIPTION
The UTC UMZ1N is a dual transistor, including an NPN
transistor and a PNP transistor. It uses UTC’s advanced
technology to provide customers with high DC current gain, etc.
FEATURES
* High DC current gain (NPN: hFE>120 @ VCE=6V, IC=1mA;
PNP: hFE>120 @ VCE=-6V,IC=-1mA)
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
4
5
6
UMZ1NL-AL6-R
UMZ1NG-AL6-R
SOT-363
E1
B1
C2
E2
B2
C1
Tape Reel
MARKING
Z1N
12
3
4
5
6
L: Lead Free
G: Halogen Free


Similar Part No. - UMZ1NG-AL6-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UMZ1NG-AL6-R UTC-UMZ1NG-AL6-R Datasheet
95Kb / 3P
GENERAL PURPOSE TRANSISTOR
More results

Similar Description - UMZ1NG-AL6-R

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BC858CDXV6 ONSEMI-BC858CDXV6 Datasheet
65Kb / 6P
Dual General Purpose Transistor
March, 2003 - Rev. 2
NST3946DW1T1 ONSEMI-NST3946DW1T1 Datasheet
168Kb / 12P
Dual General Purpose Transistor
January, 2004 ??Rev. 2
logo
Leshan Radio Company
LMBT3904DW1T1 LRC-LMBT3904DW1T1 Datasheet
201Kb / 7P
Dual General Purpose Transistor
logo
Unisonic Technologies
IMT17 UTC-IMT17 Datasheet
109Kb / 4P
GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
NST3904DP6T5G ONSEMI-NST3904DP6T5G Datasheet
101Kb / 4P
Dual General Purpose Transistor
April, 2008 ??Rev. 0
MBT3946DW1T1G ONSEMI-MBT3946DW1T1G Datasheet
246Kb / 10P
Dual General Purpose Transistor
October, 2009 ??Rev. 5
logo
Unisonic Technologies
IMX2 UTC-IMX2_11 Datasheet
100Kb / 2P
GENERAL PURPOSE DUAL TRANSISTOR
logo
WILLAS ELECTRONIC CORP
MMBT2907ADW1T1 WILLAS-MMBT2907ADW1T1 Datasheet
437Kb / 5P
Dual General Purpose Transistor
logo
Unisonic Technologies
IMT17 UTC-IMT17_15 Datasheet
194Kb / 4P
GENERAL PURPOSE DUAL TRANSISTOR
logo
ON Semiconductor
EMT1DXV6 ONSEMI-EMT1DXV6_14 Datasheet
60Kb / 4P
Dual General Purpose Transistor
November, 2014 ??Rev. 2
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com