Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM140LAH-15/883 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM140LAH-15/883
Description  LM140LQML Series 3-Terminal Positive Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM140LAH-15/883 Datasheet(HTML) 1 Page - Texas Instruments

  LM140LAH-15/883 Datasheet HTML 1Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 2Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 3Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 4Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 5Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 6Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 7Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 8Page - Texas Instruments LM140LAH-15/883 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 13 page
background image
LM140LQML
www.ti.com
SNVS381A – MARCH 2006 – REVISED MAY 2013
LM140LQML Series 3-Terminal Positive Regulators
Check for Samples: LM140LQML
1
FEATURES
DESCRIPTION
The
LM140L
series
of
three
terminal
positive
2
•
Line Regulation of 0.04%/V
regulators is available with several fixed output
•
Load Regulation of 0.01%/mA
voltages making them useful in a wide range of
•
Output Voltage Tolerances of ±2% at Tj = 25°C
applications. The LM140LA is an improved version of
and ±4% over the Temperature Range
the LM78LXX series with a tighter output voltage
tolerance (specified over the full military temperature
•
Output Current of 100 mA
range), higher ripple rejection, better regulation and
•
Internal Thermal Overload Protection
lower quiescent current. The LM140LA regulators
•
Output Transistor Safe Area Protection
have ±2% VOUT specification, 0.04%/V line regulation,
and 0.01%/mA load regulation. When used as a
•
Internal Short Circuit Current Limit
zener diode/resistor combination replacement, the
LM140LA usually results in an effective output
impedance improvement of two orders of magnitude,
and lower quiescent current. These regulators can
provide local on card regulation, eliminating the
distribution problems associated with single point
regulation. The voltages available allow the LM140LA
to be used in logic systems, instrumentation, Hi-Fi,
and other solid state electronic equipment. Although
designed primarily as fixed voltage regulators, these
devices can be used with external components to
obtain adjustable voltages and currents.
With adequate heat sinking the regulator can deliver
100 mA output current. Current limiting is included to
limit the peak output current to a safe value. Safe
area protection for the output transistor is provided to
limit internal power dissipation. If internal power
dissipation becomes too high for the heat sinking
provided, the thermal shut-down circuit takes over,
preventing the IC from overheating.
Output Voltage Options
Device ID
Output Voltage
LM140LA-5.0
5V
LM140LA-12
12V
LM140LA-15
15V
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2006–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM140LAH-15/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140LAH-15/883 NSC-LM140LAH-15/883 Datasheet
143Kb / 6P
3-Terminal Positive Regulators
logo
Texas Instruments
LM140LAH-15/883 TI1-LM140LAH-15/883 Datasheet
633Kb / 11P
LM140LQML Series 3-Terminal Positive Regulators
LM140LAH-15/883 TI1-LM140LAH-15/883 Datasheet
633Kb / 11P
LM140LQML Series 3-Terminal Positive Regulators
More results

Similar Description - LM140LAH-15/883

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM140L NSC-LM140L Datasheet
143Kb / 6P
3-Terminal Positive Regulators
LM78L05 NSC-LM78L05 Datasheet
211Kb / 12P
3-Terminal Positive Regulators
LM7800C NSC-LM7800C Datasheet
512Kb / 15P
Series 3-Terminal Positive Regulators
LM78LXX NSC-LM78LXX Datasheet
685Kb / 14P
3-Terminal Positive Regulators
LM340 NSC-LM340 Datasheet
920Kb / 17P
3-Terminal Positive Regulators
logo
Sipex Corporation
SP78XX SIPEX-SP78XX Datasheet
368Kb / 10P
3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG Datasheet
202Kb / 7P
3-Terminal Positive Regulators
logo
Texas Instruments
LM140LQML TI1-LM140LQML Datasheet
633Kb / 11P
LM140LQML Series 3-Terminal Positive Regulators
LM140QML TI1-LM140QML Datasheet
633Kb / 11P
LM140LQML Series 3-Terminal Positive Regulators
logo
Minilogic Device Corpor...
78LXXPRG MINILOGIC-78LXXPRG_10 Datasheet
200Kb / 6P
3-Terminal Positive Regulators
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com