Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LM140LAH-12 Datasheet(PDF) 8 Page - Texas Instruments

Click here to check the latest version.
Part # LM140LAH-12
Description  LM140LQML Series 3-Terminal Positive Regulators
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM140LAH-12 Datasheet(HTML) 8 Page - Texas Instruments

Back Button LM140LAH-12 Datasheet HTML 4Page - Texas Instruments LM140LAH-12 Datasheet HTML 5Page - Texas Instruments LM140LAH-12 Datasheet HTML 6Page - Texas Instruments LM140LAH-12 Datasheet HTML 7Page - Texas Instruments LM140LAH-12 Datasheet HTML 8Page - Texas Instruments LM140LAH-12 Datasheet HTML 9Page - Texas Instruments LM140LAH-12 Datasheet HTML 10Page - Texas Instruments LM140LAH-12 Datasheet HTML 11Page - Texas Instruments LM140LAH-12 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
LM140LQML
SNVS381A – MARCH 2006 – REVISED MAY 2013
www.ti.com
TYPICAL APPLICATIONS
NOTE
It is recommended that a minimum load capacitor of 0.01
μF be used to limit the high
frequency noise bandwidth.
*Required if the regulator is located far from the power supply filter.
**Human body model, 100pF discharged through 1.5K
Ω
Figure 10. Fixed Output Regulator
VOUT = 5V + (5V/R1 + IO) R2
5V/R1 = 3 IO load regulation (L,) [(R1 + R2)/R1] (L, of LM140LA-5.0)
Figure 11. Adjustable Output Regulator
8
Submit Documentation Feedback
Copyright © 2006–2013, Texas Instruments Incorporated
Product Folder Links: LM140LQML



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com