Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C712 Datasheet(PDF) 2 Page - Microchip Technology

Part # PIC16C712
Description  8-Bit CMOS Microcontrollers with A/D Converter and Capture/Compare/PWM
PDF  108 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C712 Datasheet(HTML) 2 Page - Microchip Technology

  PIC16C712 Datasheet HTML 1Page - Microchip Technology PIC16C712 Datasheet HTML 2Page - Microchip Technology PIC16C712 Datasheet HTML 3Page - Microchip Technology PIC16C712 Datasheet HTML 4Page - Microchip Technology PIC16C712 Datasheet HTML 5Page - Microchip Technology PIC16C712 Datasheet HTML 6Page - Microchip Technology PIC16C712 Datasheet HTML 7Page - Microchip Technology PIC16C712 Datasheet HTML 8Page - Microchip Technology PIC16C712 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 108 page
background image
PIC16C712/716
DS41106A-page 2
Preliminary
© 1999 Microchip Technology Inc.
PIC16C7XX FAMILY OF DEVICES
Key Features
PICmicro™ Mid-Range Reference Manual
(DS33023)
PIC16C712
PIC16C716
Operating Frequency
DC - 20 MHz
DC - 20 MHz
Resets (and Delays)
POR, BOR (PWRT, OST)
POR, BOR (PWRT, OST)
Program Memory (14-bit words)
1K
2K
Data Memory (bytes)
128
128
Interrupts
7
7
I/O Ports
Ports A,B
Ports A,B
Timers
3
3
Capture/Compare/PWM modules
1
1
8-bit Analog-to-Digital Module
4 input channels
4 input channels
PIC16C710
PIC16C71
PIC16C711
PIC16C712
PIC16C715
PIC16C716
PIC16C72A
PIC16C73B
Clock
Maximum Frequency
of Operation (MHz)
20
20
20
20
20
20
20
20
Memory
EPROM Program
Memory
(x14 words)
512
1K
1K
1K
2K
2K
2K
4K
Data Memory (bytes)
36
36
68
128
128
128
128
192
Peripherals
Timer Module(s)
TMR0
TMR0
TMR0
TMR0
TMR1
TMR2
TMR0
TMR0
TMR1
TMR2
TMR0
TMR1
TMR2
TMR0
TMR1
TMR2
Capture/Compare/
PWM Module(s)
——
—
1
—
1
1
2
Serial Port(s)
(SPI/I2C, USART)
—
—
—
—
—
—
SPI/I2CSPI/I2C,
USART
A/D Converter (8-bit)
Channels
444
4
4
4
5
5
Features
Interrupt Sources
4
4
4
7
4
7
8
11
I/O Pins
13
13
13
13
13
13
22
22
Voltage Range (Volts)
2.5-6.0
3.0-6.0
2.5-6.0
2.5-5.5
2.5-5.5
2.5-5.5
2.5-5.5
2.5-5.5
In-Circuit Serial
Programming
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Yes
Brown-out Reset
Yes
—
Yes
Yes
Yes
Yes
Yes
Yes
Packages
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
18-pin DIP,
SOIC;
20-pin SSOP
28-pin SDIP,
SOIC, SSOP
28-pin SDIP,
SOIC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com