Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ICM7211AMlPLZ Datasheet(PDF) 2 Page - Intersil Corporation

Part # ICM7211AMlPLZ
Description  4-Digit, LCD Display Driver
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ICM7211AMlPLZ Datasheet(HTML) 2 Page - Intersil Corporation

  ICM7211AMlPLZ Datasheet HTML 1Page - Intersil Corporation ICM7211AMlPLZ Datasheet HTML 2Page - Intersil Corporation ICM7211AMlPLZ Datasheet HTML 3Page - Intersil Corporation ICM7211AMlPLZ Datasheet HTML 4Page - Intersil Corporation ICM7211AMlPLZ Datasheet HTML 5Page - Intersil Corporation ICM7211AMlPLZ Datasheet HTML 6Page - Intersil Corporation ICM7211AMlPLZ Datasheet HTML 7Page - Intersil Corporation ICM7211AMlPLZ Datasheet HTML 8Page - Intersil Corporation ICM7211AMlPLZ Datasheet HTML 9Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2
FN3158.8
October 22, 2015
Pinouts
ICM7211AM (PDIP)
TOP VIEW
ICM7211AM (MQFP)
TOP VIEW
13
1
2
3
4
5
6
7
8
9
10
11
12
14
15
16
17
18
19
20
28
40
39
38
37
36
35
34
33
32
31
30
29
27
26
25
24
23
22
21
OSC
VSS
CHIP SELECT 2
CHIP SELECT 1
DIGIT ADRESS BIT 2
DIGIT ADRESS BIT 1
B3
B2
B1
B0
DATA
INPUTS
VDD
e1
g1
f1
BP
a2
b2
c2
d2
e2
g2
f2
a3
b3
c3
d3
e3
g3
f3
a4
d1
c1
b1
a1
f4
g4
e4
d4
c4
b4
NC
e2
d2
c2
b2
a2
1
2
3
4
5
6
7
8
9
10
11
12 13 14 15 16 17
g2
f2
a3
b3
c3
28
27
26
25
24
23
22
21
20
19
18
f4
B0
B1
B2
B3
NC
39 38 37 36 35 34
33
32
31
30
29
44 43 42 41 40
VSS
CHIP SELECT 2
CHIP SELECT 1
DIGITAL ADDRESS BIT 2
DIGITAL ADDRESS BIT 2
DATA
INPUTS
Functional Block Diagram
ICM7211AM
7 WIDE DRIVER
7 WIDE LATCH EN
PROGRAMMABLE
4 TO 7 DECODER
7 WIDE DRIVER
7 WIDE LATCH EN
PROGRAMMABLE
4 TO 7 DECODER
7 WIDE DRIVER
7 WIDE LATCH EN
PROGRAMMABLE
4 TO 7 DECODER
7 WIDE DRIVER
7 WIDE LATCH EN
PROGRAMMABLE
4 TO 7 DECODER
D4
SEGMENT OUTPUTS
D3
SEGMENT OUTPUTS
D2
SEGMENT OUTPUTS
D1
SEGMENT OUTPUTS
2-BIT
DIGIT
ADRESS
INPUT
CHIP
CHIP
DATA
INPUTS
OSCILLATOR
INPUT
2 TO 4
DECODER
2-BIT
LATCH
ENABLE
4-BIT
LATCH
ENABLE
ONE
SHOT
SELECT 1
SELECT 2
BLACKPLANE
DRIVER
ENABLE
OSCILLATOR
19kHz
FREE-RUNNING
128
ENABLE
DIRECTOR
BP INPUT/OUTPUT
ICM7211AM
ICM7211AM



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com