Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

2N7002KG-AE2-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # 2N7002KG-AE2-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

2N7002KG-AE2-R Datasheet(HTML) 2 Page - Unisonic Technologies

  2N7002KG-AE2-R Datasheet HTML 1Page - Unisonic Technologies 2N7002KG-AE2-R Datasheet HTML 2Page - Unisonic Technologies 2N7002KG-AE2-R Datasheet HTML 3Page - Unisonic Technologies 2N7002KG-AE2-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N7002K
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 4
www.unisonic.com.tw
QW-R502-541.D
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified.)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
60
V
Gate-Source Voltage
VGSS
±20
V
Drain Current
Continuous
ID
300
mA
Pulse(Note 2)
800
Power Dissipation
PD
350
mW
Derating above TA=25°C
2.8
mW/°C
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note: Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=10µA
60
V
Drain-Source Leakage Current
IDSS
VDS=60V, VGS=0V
1.0
µA
Gate-Source Leakage Current
IGSS
VDS=0V, VGS=±20V
±10
µA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=10V, ID=1mA
1.0
1.85
2.5
V
Static Drain-Source On-Resistance (Note)
RDS(ON)
VGS=10V, ID=300m A
2
Ω
VGS=4.5V, ID=200mA
4
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS=0V, f=1.0MHz
25
50
pF
Output Capacitance
COSS
10
25
pF
Reverse Transfer Capacitance
CRSS
3.0
5.0
pF
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
ID=0.2 A, VDD=30V, VGS=10V,
RL=150Ω, RG=10Ω
12
20
ns
Turn-OFF Delay Time
tD(OFF)
20
30
ns
DRAIN-SOURCE DIODE CHARACTERISTICS AND MAXIMUM RATINGS
Drain-Source Diode Forward Voltage
VSD
VGS=0V, Is=300mA (Note )
0.88
1.5
V
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
0.8
A
Maximum Continuous Drain-Source Diode
Forward Current
IS
300
mA
Notes: 1. Device mounted on FR-4 PCB, 1 inch x 0.85 inch x 0.062 inch. Minimum land pad size.
2. Pulse width≦300μs, Duty cycle≦1%



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com