Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP9T15GP-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UP9T15GP-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE MOSFET
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP9T15GP-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UP9T15GP-TN3-R Datasheet HTML 1Page - Unisonic Technologies UP9T15GP-TN3-R Datasheet HTML 2Page - Unisonic Technologies UP9T15GP-TN3-R Datasheet HTML 3Page - Unisonic Technologies UP9T15GP-TN3-R Datasheet HTML 4Page - Unisonic Technologies UP9T15GP-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UP9T15G
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-208.B
N-CHANNEL ENHANCEMENT
MODE POWER MOSFET
DESCRIPTION
The UP9T15G uses advanced trench technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device is suitable for use as a load switch or in
PWM applications.
FEATURES
* VDS(V)=20V
* ID=12 .5A (VGS=4.5V)
* RDS(ON) < 50mΩ @ VGS =4.5 V, ID =6 A
* RDS(ON) < 80mΩ @ VGS =2.5 V, ID =5.2 A
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UP9T15GL-TN3-R
UP9T15GP-TN3-R
TO-252
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UP9T15GP-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UP9T15G UTC-UP9T15G Datasheet
317Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UP9T15G-TN3-R UTC-UP9T15G-TN3-R Datasheet
317Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UP9T15G-TN3-T UTC-UP9T15G-TN3-T Datasheet
317Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
UP9T15GL-TN3-R UTC-UP9T15GL-TN3-R Datasheet
317Kb / 5P
N-CHANNEL ENHANCEMENT MODE POWER MOSFET
logo
SHENZHEN DOINGTER SEMIC...
UP9T15GL-TN3-R DOINGTER-UP9T15GL-TN3-R Datasheet
965Kb / 5P
N-Channel MOSFET uses advanced trench technology
More results

Similar Description - UP9T15GP-TN3-R

ManufacturerPart #DatasheetDescription
logo
General Semiconductor
GFP60N03 GE-GFP60N03 Datasheet
115Kb / 5P
N-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPN1012 SYNC-POWER-SPN1012 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN1423A SYNC-POWER-SPN1423A Datasheet
211Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN3406 SYNC-POWER-SPN3406 Datasheet
198Kb / 8P
N-Channel Enhancement Mode MOSFET
logo
Stanson Technology
ST2302M STANSON-ST2302M Datasheet
170Kb / 6P
N Channel Enhancement Mode MOSFET
logo
SYNC POWER Crop.
SPN4920A SYNC-POWER-SPN4920A Datasheet
235Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN4972 SYNC-POWER-SPN4972 Datasheet
242Kb / 8P
N-Channel Enhancement Mode MOSFET
SPN8080 SYNC-POWER-SPN8080 Datasheet
239Kb / 10P
N-Channel Enhancement Mode MOSFET
SPN9507 SYNC-POWER-SPN9507 Datasheet
237Kb / 9P
N-Channel Enhancement Mode MOSFET
SPN9971 SYNC-POWER-SPN9971 Datasheet
269Kb / 10P
N-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com