Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UP672G-AL6-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UP672G-AL6-R
Description  N-CHANNEL MOSFET ARRAY FOR SWITCHING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UP672G-AL6-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UP672G-AL6-R Datasheet HTML 1Page - Unisonic Technologies UP672G-AL6-R Datasheet HTML 2Page - Unisonic Technologies UP672G-AL6-R Datasheet HTML 3Page - Unisonic Technologies UP672G-AL6-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
UP672
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 3
www.unisonic.com.tw
QW-R502-504.B
TYPICAL CHARACTERISTICS
0
Source to Drain Diode Current vs. Source
to Drain Voltage
Source to Drain Voltage, VSD (V)
0.2
0.4
0.6
0.8
1.0
0
20
40
60
80
100
140
120
Drain-Source On-State Resistance
Characteristics
Drain to Source Voltage, VDS (mV)
0
4
10
14
0
50
100
150
200
2
6
8
12
250
VGS=4V, ID=10mA
VGS=2.5V, ID=10mA
UTC assumes no responsibility for equipment failures that result from using products at values that
exceed, even momentarily, rated values (such as maximum ratings, operating condition ranges, or
other parameters) listed in products specifications of any and all UTC products described or contained
herein. UTC products are not designed for use in life support appliances, devices or systems where
malfunction of these products can be reasonably expected to result in personal injury. Reproduction in
whole or in part is prohibited without the prior written consent of the copyright owner. The information
presented in this document does not form part of any quotation or contract, is believed to be accurate
and reliable and may be changed without notice.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com