Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3N01ZG-AE2-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT3N01ZG-AE2-R
Description  N-CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3N01ZG-AE2-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT3N01ZG-AE2-R Datasheet HTML 1Page - Unisonic Technologies UT3N01ZG-AE2-R Datasheet HTML 2Page - Unisonic Technologies UT3N01ZG-AE2-R Datasheet HTML 3Page - Unisonic Technologies UT3N01ZG-AE2-R Datasheet HTML 4Page - Unisonic Technologies UT3N01ZG-AE2-R Datasheet HTML 5Page - Unisonic Technologies UT3N01ZG-AE2-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
UT3N01Z
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 6
www.unisonic.com.tw
QW-R502-285.I
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±10
V
Drain Current
DC
ID
0.15
A
Pulse(Note 2)
0.6
A
Power Dissipation
SOT-23-3
PD
330
mW
SOT-323
200
SOT-523
150
SOT-363
200
Operating Temperature
TOPR
-40 ~ +85
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Note:1.
2.
Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
Pulse width≤10μs, Duty cycle≤1%
ELECTRICAL CHARACTERISTICS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=1mA
30
V
Drain-Source Leakage Current
IDSS
VDS=30V,VGS=0V
1
µA
Gate-Source Leakage Current
IGSS
VGS=±8V, VDS=0V
±10
µA
ON CHARACTERISTICS
Cutoff Threshold Voltage
VGS(OFF)
VDS=10V, ID=100µA
0.4
1.3
V
Static Drain-Source On-Resistance
RDS(ON)
VGS=4V, ID=80mA
1.3
2.0
Ω
VGS=2.5V, ID=40mA
1.7
3.0
Ω
VGS=1.5V, ID=10mA
5.8
12.8
Ω
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=10V, VGS=0 V, f=1.0MHz
18
pF
Output Capacitance
COSS
11
pF
Reverse Transfer Capacitance
CRSS
7.5
pF
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS=10V, VGS=10V, ID=150mA
5
8
nC
Gate Source Charge
QGS
0.46
nC
Gate Drain Charge
QGD
0.56
nC
Turn-ON Delay Time
tD(ON)
See specified Test Circuit
31
35
ns
Turn-ON Rise Time
tR
19
23
ns
Turn-OFF Delay Time
tD(OFF)
55
60
ns
Turn-OFF Fall-Time
tF
22
28
ns
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=150mA, VGS=0V
0.87
1.2
V



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com