Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT3N01ZG-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT3N01ZG-AL3-R
Description  N-CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT3N01ZG-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT3N01ZG-AL3-R Datasheet HTML 1Page - Unisonic Technologies UT3N01ZG-AL3-R Datasheet HTML 2Page - Unisonic Technologies UT3N01ZG-AL3-R Datasheet HTML 3Page - Unisonic Technologies UT3N01ZG-AL3-R Datasheet HTML 4Page - Unisonic Technologies UT3N01ZG-AL3-R Datasheet HTML 5Page - Unisonic Technologies UT3N01ZG-AL3-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT3N01Z
Power MOSFET
www.unisonic.com.tw
1 of 6
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-285.I
N-CHANNEL SILICON MOSFET
GENERAL-PURPOSE
SWITCHING DEVICE
APPLICATIONS
DESCRIPTION
The UT3N01Z uses UTC advanced technology to provide
excellent RDS(ON), low gate charge and operation with low gate
voltages. This device’s general purpose is for switching device
applications.
FEATURES
* RDS(ON) < 2.0Ω @ VGS=4V, ID=80mA
RDS(ON) < 3.0Ω @ VGS=2.5V, ID=40mA
RDS(ON) < 12.8Ω @ VGS=1.5V, ID=10mA
* Ultra low gate charge ( typical 5 nC )
* Low reverse transfer capacitance ( CRSS = typical 7.5 pF )
* Fast switching capability
* Enhanced ESD capability
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
12345
6
UT3N01ZG-AE2-R
SOT-23-3
S
G
D
-
-
-
Tape Reel
UT3N01ZG-AL3-R
SOT-323
S
G
D
-
-
-
Tape Reel
UT3N01ZG-AN3-R
SOT-523
S
G
D
-
-
-
Tape Reel
UT3N01ZG-AL6-R
SOT-363
S1
G1
D2
S2
G2
D1
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source


Similar Part No. - UT3N01ZG-AL3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT3N01ZG-AL3-R UTC-UT3N01ZG-AL3-R Datasheet
161Kb / 4P
N CHANNEL SILICON MOSFET GENERAL-PURPOSE SWITCHING DEVICE APPLICATIONS
More results

Similar Description - UT3N01ZG-AL3-R

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK3980 SANYO-2SK3980 Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
ECH8621R SANYO-ECH8621R Datasheet
43Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
CPH3441 SANYO-CPH3441 Datasheet
39Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4065 SANYO-2SK4065 Datasheet
49Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK2624ALS SANYO-2SK2624ALS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK3977 SANYO-2SK3977 Datasheet
54Kb / 4P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4096LS SANYO-2SK4096LS Datasheet
55Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4101LS SANYO-2SK4101LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4116LS SANYO-2SK4116LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4119LS SANYO-2SK4119LS Datasheet
56Kb / 5P
N-Channel Silicon MOSFET General-Purpose Switching Device
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com