Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT40N03TL-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT40N03TL-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT40N03TL-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT40N03TL-TN3-R Datasheet HTML 1Page - Unisonic Technologies UT40N03TL-TN3-R Datasheet HTML 2Page - Unisonic Technologies UT40N03TL-TN3-R Datasheet HTML 3Page - Unisonic Technologies UT40N03TL-TN3-R Datasheet HTML 4Page - Unisonic Technologies UT40N03TL-TN3-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
UT40N03T
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 5
www.unisonic.com.tw
QW-R502-172.G
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =250µA
30
V
Drain-Source Leakage Current
IDSS
VDS=30V,VGS =0V,TJ =25°C
1
µA
Gate-Source Leakage Current
IGSS
VGS = ±25 V
±100
nA
Breakdown Voltage Temperature Coefficient ∆BVDSS/∆TJ Reference to 25°C, ID=1mA
0.032
V/°C
ON CHARACTERISTICS
Gate-Threshold Voltage
VGS(TH)
VDS =VGS, ID =250 µA
1
3
V
Drain-Source On-State Resistance
RDS(ON)
VGS =10 V, ID =18 A
25
mΩ
VGS =4.5 V, ID =14 A
45
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=25V, VGS =0V,
f=1.0MHz
655
pF
Output Capacitance
COSS
145
Reverse Transfer Capacitance
CRSS
95
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VGS=10V,VDS=15V,
RD=0.83Ω, ID =18 A,
RG =3.3 Ω
6
ns
Turn-ON Rise Time
tR
62
Turn-OFF Delay Time
tD(OFF)
16
Turn-OFF Fall-Time
tF
4.4
Total Gate Charge
QG
VDS =20V, VGS =4.5V,
ID =18A
8.8
nC
Gate-Source Charge
QGS
2.5
Gate-Drain Charge
QGD
5.8
SOURCE-DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=28 A, VGS=0V
1.3
V
Maximum Continuous Drain-Source Diode
Forward Current
IS
VD=VG=0V , VS=1.3V
28
A
Maximum Pulsed Drain-Source Diode
Forward Current
ISM
95
A
Notes: 1. Pulse width limited by TJ(MAX).
Notes: 2. Pulse width ≤ 300us, duty cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com