Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT40N03TL-TQ2-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT40N03TL-TQ2-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT40N03TL-TQ2-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT40N03TL-TQ2-R Datasheet HTML 1Page - Unisonic Technologies UT40N03TL-TQ2-R Datasheet HTML 2Page - Unisonic Technologies UT40N03TL-TQ2-R Datasheet HTML 3Page - Unisonic Technologies UT40N03TL-TQ2-R Datasheet HTML 4Page - Unisonic Technologies UT40N03TL-TQ2-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT40N03T
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-172.G
30V, 28A N-CHANNEL
ENHANCEMENT MODE
POWER MOSFET
FEATURES
* RDS(ON) < 25mΩ @VGS = 10 V
* Low capacitance
* Optimized gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
12345 6 7 8
UT40N03TL-TA3-T
UT40N03TG-TA3-T
TO-220
G D S
-
-
-
-
-
Tube
UT40N03TL-TM3-T
UT40N03TG-TM3-T
TO-251
G D S
-
-
-
-
-
Tube
UT40N03TL-TN3-R
UT40N03TG-TN3-R
TO-252
G D S
-
-
-
-
-
Tape Reel
UT40N03TL-TQ2-R
UT40N03TG-TQ2-R
TO-263
G D S
-
-
-
-
-
Tape Reel
UT40N03TL-TQ2-T
UT40N03TG-TQ2-T
TO-263
G D S
-
-
-
-
-
Tube
-
UT40N03TG-K08-3030-R
DFN-8(3×3)
S S S G D D D D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING
TO-220 / TO-251 / TO-252 / TO-263
DFN-8(3×3)


Similar Part No. - UT40N03TL-TQ2-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT40N03TL-TQ2-R UTC-UT40N03TL-TQ2-R Datasheet
230Kb / 4P
30V, 28A N-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UT40N03TL-TQ2-R

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com