Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4404G-S08-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UT4404G-S08-R
Description  N-CHANNEL JUNCTION FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4404G-S08-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UT4404G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4404G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4404G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4404G-S08-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UT4404
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-132.E
TYPICAL CHARACTERISTICS
2V
10V
4.5V
25°C
125°C
VDS=5V
0
1
2
34
5
0
5
10
15
20
25
30
On-Region Characteristics
16
20
12
8
4
0
0
12
3
2.5
1.5
0.5
Transfer Characteristics
Drain-Source Voltage, VDS (V)
2.5V
VGS=3V
Drain-Source Voltage, VDS (V)
ID=5A
125°C
25°C
25°C
125°C
1.2
0.8
0.6
0.4
0.2
0.0
Source-Drain Voltage, VSD (V)
1.0E-0.6
1.0E-0.5
1.0E-0.4
1.0E-0.3
1.0E-0.2
1.0E-0.1
1.0E+0.0
1.0E+0.1
Body-Diode Characteristics
Gate-Source Voltage, VGS (V)
10
8
6
4
2
0
10
20
30
40
50
60
70
80
90
100
On-Resistance vs.Gate-to-Source Voltage
1.0



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com