Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4422G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT4422G-S08-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4422G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT4422G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4422G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4422G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4422G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4422G-S08-R Datasheet HTML 5Page - Unisonic Technologies UT4422G-S08-R Datasheet HTML 6Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
UT4422
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 6
www.unisonic.com.tw
QW-R502-206.C
TYPICAL CHARACTERISTICS
Body-Diode Characteristics
Gate to Source Voltage,VGS (V)
On-Resistance vs. Gate-Source Voltage
1.0E+01
1.0E+00
1.0E-01
1.0E-02
1.0E-03
1.0E-04
1.0E-05
0.0
0.2
0.4
0.6
0.8
1.0
Body Diode Forward Voltage,VSD (V)
60
50
40
30
20
2
4
6
810
125°С
25°С
10
ID=10A
125°С
25°С
Pulse width ≤80μs,
duty cycle ≤0.5%.
Pulse width ≤80μs,
duty cycle ≤0.5%.



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com