Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4430 Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT4430
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4430 Datasheet(HTML) 1 Page - Unisonic Technologies

  UT4430_15 Datasheet HTML 1Page - Unisonic Technologies UT4430_15 Datasheet HTML 2Page - Unisonic Technologies UT4430_15 Datasheet HTML 3Page - Unisonic Technologies UT4430_15 Datasheet HTML 4Page - Unisonic Technologies UT4430_15 Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT4430
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-333.C
N-CHANNEL ENHANCEMENT
MODE FIELD EFFECT
TRANSISTOR
DESCRIPTION
The UT4430 uses UTC advanced technology to provide excellent
RDS(ON), low gate charge and operation with low gate voltages. This
device is suitable for applications, such as high-side DC/DC
conversion, notebook and sever.
FEATURES
* VDS(V)=30V
* ID=18A (VGS = 10V)
* RDS(ON) < 5.5mΩ @ VGS=10V, ID=18A
* RDS(ON) < 7.5mΩ @ VGS=4.5V, ID=15A
SYMBOL
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
12
3
456
7
8
UT4430G-S08-R
SOP-8
S
S
S
G
D
D
D
D
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
MARKING


Similar Part No. - UT4430_15

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT4430G-S08-R UTC-UT4430G-S08-R Datasheet
235Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
UT4430G-S08-R VBSEMI-UT4430G-S08-R Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
logo
Unisonic Technologies
UT4430L-S08-R UTC-UT4430L-S08-R Datasheet
235Kb / 6P
N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
logo
VBsemi Electronics Co.,...
UT4430L-S08-R VBSEMI-UT4430L-S08-R Datasheet
1Mb / 9P
N-Channel 30-V (D-S) MOSFET
More results

Similar Description - UT4430_15

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PHD83N03LT PHILIPS-PHD83N03LT Datasheet
282Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
PHP112N06T PHILIPS-PHP112N06T Datasheet
262Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-07 March 2001
PHP47NQ10T PHILIPS-PHP47NQ10T Datasheet
267Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-16 May 2001
PHP78NQ03LT PHILIPS-PHP78NQ03LT Datasheet
292Kb / 14P
N-channel enhancement mode field-effect transistor
Rev. 01-14 November 2001
SI4410DY PHILIPS-SI4410DY Datasheet
266Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 02-05 July 2001
SI4416DY PHILIPS-SI4416DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-05 June 2001
SI4420DY PHILIPS-SI4420DY Datasheet
254Kb / 12P
N-channel enhancement mode field-effect transistor
Rev. 01-28 May 2001
SI9956DY PHILIPS-SI9956DY Datasheet
253Kb / 13P
N-channel enhancement mode field-effect transistor
Rev. 01-16 July 2001
logo
Fairchild Semiconductor
FDC633N FAIRCHILD-FDC633N Datasheet
278Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
FDT459N FAIRCHILD-FDT459N Datasheet
89Kb / 4P
N-Channel Enhancement Mode Field Effect Transistor
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com