Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT4430G-S08-R Datasheet(PDF) 2 Page - Unisonic Technologies

Part # UT4430G-S08-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT4430G-S08-R Datasheet(HTML) 2 Page - Unisonic Technologies

  UT4430G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT4430G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT4430G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT4430G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT4430G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
UT4430
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
2 of 5
www.unisonic.com.tw
QW-R502-333.C
ABSOLUTE MAXIMUM RATINGS (TA=25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current (TA=25°C) (Note 2)
t≤10s
ID
18
A
Pulsed Drain Current (Note 3)
IDM
80
A
Avalanche Current (Note 3)
IAR
30
A
Repetitive avalanche energy (Note 3)
L=0.3mH
EAR
135
mJ
Power Dissipation (TA=25°C)
PD
3
W
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +150
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Surface mounted on 1 in2 copper pad of FR4 board.
3. Pulse width limited by TJ(MAX)
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction to Ambient (Note)
θJA
59
75
°C/W
Note: Surface mounted on 1 in2 copper pad of FR4 board
ELECTRICAL CHARACTERISTICS (TJ=25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS=0V, ID=250µA
30
V
Drain-Source Leakage Current
IDSS
VDS=30V,VGS=0V
1
µA
Gate-Source Leakage Current
IGSS
VGS=±20V, VDS=0V
100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS=VGS, ID=250µA
1
1.8
2.5
V
Drain-Source On-State Resistance
RDS(ON)
VGS=10V, ID=18A
4.7
5.5
mΩ
VGS=4.5V, ID=15A
6.2
7.5
mΩ
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS=15V, VGS=0 V, f=1MHz
4660 6060 7270
pF
Output Capacitance
COSS
425
638
960
pF
Reverse Transfer Capacitance
CRSS
240
355
530
pF
Gate Resistance
RG
VGS=0V, VDS=0V, f=1MHz
0.2
0.45
0.9
SWITCHING PARAMETERS
Turn-ON Delay Time
tD(ON)
VGS=10V,VDS=15V, RL=0.83Ω,
RGEN=3Ω
12
16
ns
Turn-ON Rise Time
tR
8
12
ns
Turn-OFF Delay Time
tD(OFF)
51.5
70
ns
Turn-OFF Fall-Time
tF
8.8
14
ns
Total Gate Charge
QG
VGS=10 V, VDS=15 V, ID=18 A
80
103
124
nC
Gate Source Charge
QGS
18
nC
Gate Drain Charge
QGD
15
nC
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage
VSD
IS=1 A, VGS=0 V
0.7
1
V
Diode Continuous Forward Current
IS
4.5
A
Reverse Recovery Time
tRR
IF=18A, dI/dt=100A/μs
33.5
44
ns
Reverse Recovery Charge
QRR
22
30
nC



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com