Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT5504G-S08-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UT5504G-S08-R
Description  P-CHANNEL LOGIC LEVEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT5504G-S08-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UT5504G-S08-R Datasheet HTML 1Page - Unisonic Technologies UT5504G-S08-R Datasheet HTML 2Page - Unisonic Technologies UT5504G-S08-R Datasheet HTML 3Page - Unisonic Technologies UT5504G-S08-R Datasheet HTML 4Page - Unisonic Technologies UT5504G-S08-R Datasheet HTML 5Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
UT5504
Power MOSFET
UNISONICTECHNOLOGIESCO.,Ltd
4 of 5
www.unisonic.com.tw
QW-R502-417.E
ELECTRICAL CHARACTERISTICS(Cont.)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN TYP MAX UNIT
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Drain-Source Diode Forward Voltage (Note 1)
VSD
IF=IS, VGS=0V
-1
V
Reverse Recovery Time
tRR
IF=-5A, dIF/dt=100A/µs
15.5
ns
Reverse Recovery Charge
QRR
7.9
nC
Continuous Current
IS
-8
A
Pulsed Current (Note 3)
ISM
-32
A
Notes: 1. Pulse test: Pulse Width ≤ 300µsec, Duty Cycle ≤ 2 %.
2. Independent of operating temperature.
3. Pulse width limited by maximum junction temperature.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com