Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UT7401G-AL3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UT7401G-AL3-R
Description  P-CHANNEL ENHANCEMENT MODE POWER MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UT7401G-AL3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UT7401G-AL3-R Datasheet HTML 1Page - Unisonic Technologies UT7401G-AL3-R Datasheet HTML 2Page - Unisonic Technologies UT7401G-AL3-R Datasheet HTML 3Page - Unisonic Technologies UT7401G-AL3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UT7401
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2015 Unisonic Technologies Co., Ltd
QW-R502-122.F
1.2A, 30V P-CHANNEL
ENHANCEMENT MODE POWER
MOSFET
DESCRIPTION
The UTC UT7401 is P-channel enhancement mode power
MOSFET, designed in serried ranks. With fast switching speed, low
on-resistance, favorable stabilization.
Used in commercial and industrial surface mount applications
and suited for low voltage applications such as DC/DC converters.
SYMBOL
2.Gate
1.Source
3.Drain
SOT-323
SOT-23
(EIAJ SC-59)
1
2
3
1
2
3
SOT-23-3
(JEDEC TO-236)
3
2
1
ORDERING INFORMATION
Pin Assignment
Ordering Number
Package
1
2
3
Packing
UT7401G-AE2-R
SOT-23-3
S
G
D
Tape Reel
UT7401G-AE3-R
SOT-23
S
G
D
Tape Reel
UT7401G-AL3-R
SOT-323
S
G
D
Tape Reel
Note: Pin Assignment: S: Source
G: Gate
D: Drain
MARKING
74AG


Similar Part No. - UT7401G-AL3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UT7401G-AL3-R UTC-UT7401G-AL3-R Datasheet
283Kb / 4P
1.2A, 30V P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results

Similar Description - UT7401G-AL3-R

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G2U4407 GTM-G2U4407 Datasheet
298Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3J14 GTM-G3J14 Datasheet
377Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G1333 GTM-G1333 Datasheet
352Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2301 GTM-G2301 Datasheet
391Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G2303 GTM-G2303 Datasheet
393Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
G3401 GTM-G3401 Datasheet
308Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI20P02 GTM-GI20P02 Datasheet
245Kb / 5P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GI405 GTM-GI405 Datasheet
253Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GJ9585 GTM-GJ9585 Datasheet
236Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
GM162 GTM-GM162 Datasheet
365Kb / 4P
P-CHANNEL ENHANCEMENT MODE POWER MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com