Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD413G-TND-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTD413G-TND-R
Description  P-CHANNEL ENHANCEMENT MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD413G-TND-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTD413G-TND-R Datasheet HTML 1Page - Unisonic Technologies UTD413G-TND-R Datasheet HTML 2Page - Unisonic Technologies UTD413G-TND-R Datasheet HTML 3Page - Unisonic Technologies UTD413G-TND-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTD413
Power MOSFET
www.unisonic.com.tw
1 of 4
Copyright © 2014 Unisonic Technologies Co., Ltd
QW-R502-246.F
P-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UTD413 can provide excellent RDS(ON) and low gate charge
by using UTC’s advanced trench technology. The UTD413 is well
suited for high current load applications with the excellent thermal
resistance of the TO-252 package. Standard Product UTD413 is
Pb-free.
FEATURES
* RDS(ON) < 45 mΩ @ VGS=-10V, ID=-12A
* RDS(ON) < 69 mΩ @ VGS=-4.5V, ID=-8 A
* Low capacitance
* Low gate charge
* Fast switching capability
* Avalanche energy specified
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
-
UTD413G-AA3-R
SOT-223
G
D
S
Tape Reel
UTD413L-TN3-R
UTD413G-TN3-R
TO-252
G
D
S
Tape Reel
UTD413L-TND-R
UTD413G-TND-R
TO-252D
G
D
S
Tape Reel
Note: Pin Assignment: G: Gate
D: Drain
S: Source
(1) R: Tape Reel
(2) AA3: SOT-223, TN3: TO-252, TND: TO-252D
(3) G: Halogen Free and Lead Free, L: Lead Free
UTD413G-AA3-R
(1)Packing Type
(2)Package Type
(3)Green Package
MARKING
SOT-223
TO-252 / TO-252D


Similar Part No. - UTD413G-TND-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTD413G-TN3-R UTC-UTD413G-TN3-R Datasheet
206Kb / 4P
P-CHANNEL ENHANCEMENT MODE
UTD413G-TN3-T UTC-UTD413G-TN3-T Datasheet
206Kb / 4P
P-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UTD413G-TND-R

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
SMG2321P SECOS-SMG2321P Datasheet
553Kb / 4P
P-Channel Enhancement MOSFET
SMG2345P SECOS-SMG2345P Datasheet
71Kb / 2P
P-Channel Enhancement MOSFET
SSN3139K SECOS-SSN3139K Datasheet
336Kb / 3P
P Channel Enhancement MOSFET
SMG2361P SECOS-SMG2361P Datasheet
450Kb / 4P
P-Channel Enhancement MOSFET
logo
Guangdong Kexin Industr...
AO3409-3 KEXIN-AO3409-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3409-HF-3 KEXIN-AO3409-HF-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
AO3419-3 KEXIN-AO3419-3 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
KX9435 KEXIN-KX9435 Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
SI2301DS-3 KEXIN-SI2301DS-3 Datasheet
1Mb / 5P
P-Channel Enhancement MOSFET
SI2303DS KEXIN-SI2303DS Datasheet
1Mb / 4P
P-Channel Enhancement MOSFET
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com