Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD484L-TN3-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTD484L-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD484L-TN3-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTD484L-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTD484L-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTD484L-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTD484L-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTD484L-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTD484L-TN3-R Datasheet HTML 6Page - Unisonic Technologies UTD484L-TN3-R Datasheet HTML 7Page - Unisonic Technologies UTD484L-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
UTD484
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 8
www.unisonic.com.tw
QW-R502-207.E
ABSOLUTE MAXIMUM RATINGS (TA = 25°C, unless otherwise specified)
PARAMETER
SYMBOL
RATINGS
UNIT
Drain-Source Voltage
VDSS
30
V
Gate-Source Voltage
VGSS
±20
V
Continuous Drain Current
TC=25°C
ID
25
A
Pulsed Drain Current(Note 1)
IDM
80
A
Avalanche Current(Note 1)
IAR
15
A
Repetitive avalanche energy L=0.3mH(Note 1)
EAR
33
mJ
Power Dissipation
TC=25°C
TO-252
DFN-8(3×3)
PD
41
W
TA=25°C
TO-252
2.1
DFN-8(3×3)
(Notes 3)
1.9
Junction Temperature
TJ
+150
°C
Storage Temperature
TSTG
-55 ~ +175
°C
Notes: 1. Absolute maximum ratings are those values beyond which the device could be permanently damaged.
Absolute maximum ratings are stress ratings only and functional device operation is not implied.
2. Pulse width limited by TJ(MAX)
3. Exposed pad is ground and must be soldered to PCB
THERMAL DATA
PARAMETER
SYMBOL
MIN
TYP
MAX
UNIT
Junction-to-Ambient
TO-252
θJA
55
60
°C/W
DFN-8(3×3)
65
°C/W
Junction-to-Case
TO-252/DFN-8(3×3)
θJC
2.3
3
°C/W



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com