Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD413L-TND-R Datasheet(PDF) 3 Page - Unisonic Technologies

Part # UTD413L-TND-R
Description  P-CHANNEL ENHANCEMENT MOSFET
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD413L-TND-R Datasheet(HTML) 3 Page - Unisonic Technologies

  UTD413L-TND-R Datasheet HTML 1Page - Unisonic Technologies UTD413L-TND-R Datasheet HTML 2Page - Unisonic Technologies UTD413L-TND-R Datasheet HTML 3Page - Unisonic Technologies UTD413L-TND-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
UTD413
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
3 of 4
www.unisonic.com.tw
QW-R502-246.F
TYPICAL CHARACTERISTICS
0
50
Drain Current vs. Gate Threshold Voltage
Gate Threshold Voltage, -VTH (V)
250
100
150
200
300
Drain Current vs.
Drain-Source Breakdown Voltage
Drain-Source Breakdown Voltage, -BVDSS(V)
0.5
0
2.0
1.0
1.5
0
0
50
30
250
10
100
150
200
300
20
50
40
350
400
2.5
450
12
0
0
4
8
10
Drain-Source
On-State Resistance Characteristics
Drain to Source Voltage, -VDS (mV)
2
6
200
600
ID=-8A
VGS=-4.5V
14
400
ID=-12A
VGS=-10V
1.2
0
0
0.4
0.8
1.0
Drain-Source
On-State Resistance Characteristics
Drain to Source Voltage, -VDS (mV)
0.2
0.6
50
ID=-1A
VGS=-4.5V
1.4
ID=-1A
VGS=-10V



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com