Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTD484G-TN3-R Datasheet(PDF) 4 Page - Unisonic Technologies

Part # UTD484G-TN3-R
Description  N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTD484G-TN3-R Datasheet(HTML) 4 Page - Unisonic Technologies

  UTD484G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTD484G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTD484G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTD484G-TN3-R Datasheet HTML 4Page - Unisonic Technologies UTD484G-TN3-R Datasheet HTML 5Page - Unisonic Technologies UTD484G-TN3-R Datasheet HTML 6Page - Unisonic Technologies UTD484G-TN3-R Datasheet HTML 7Page - Unisonic Technologies UTD484G-TN3-R Datasheet HTML 8Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
UTD484
Power MOSFET
UNISONICTECHNOLOGIESCO.,LTD
4 of 8
www.unisonic.com.tw
QW-R502-207.E
ELECTRICAL CHARACTERISTICS (TJ =25°C, unless otherwise specified)
PARAMETER
SYMBOL
TEST CONDITIONS
MIN
TYP
MAX UNIT
OFF CHARACTERISTICS
Drain-Source Breakdown Voltage
BVDSS
VGS =0 V, ID =250 µA
30
V
Drain-Source Leakage Current
IDSS
VDS =24V, VGS =0 V
1
µA
Gate-Body Leakage Current
IGSS
VDS =0 V, VGS = ±20V
±100
nA
ON CHARACTERISTICS
Gate Threshold Voltage
VGS(TH)
VDS =VGS, ID =250 µA
1
1.5
2.5
V
On State Drain Current
ID(ON)
VDS =5 V, VGS =10V
80
A
Static Drain-Source On-Resistance
RDS(ON)
VGS =10 V, ID =20 A
12.1
15
mΩ
VGS =4.5 V, ID =15 A
18.5
23
DYNAMIC PARAMETERS
Input Capacitance
CISS
VDS =15 V, VGS =0V, f=1MHz
938
1220
pF
Output Capacitance
COSS
142
Reverse Transfer Capacitance
CRSS
99
SWITCHING PARAMETERS
Total Gate Charge
QG
VDS =15V, VGS =10V, ID =20 A
17.5
21
nC
Gate Source Charge
QGS
3
Gate Drain Charge
QGD
4.1
Turn-ON Delay Time
tD(ON)
VGS=10V,VDS=15V,RL=0.75Ω,
RGEN =3Ω
5
ns
Turn-ON Rise Time
tR
12
Turn-OFF Delay Time
tD(OFF)
19
Turn-OFF Fall-Time
tF
6
SOURCE- DRAIN DIODE RATINGS AND CHARACTERISTICS
Diode Forward Voltage
VSD
IS=1A,VGS=0V
0.71
1
V
Maximum Body-Diode Continuous
Current
IS
21
A
Body Diode Reverse Recovery Time
tRR
IF=20 A, dI/dt=100A/μs
19
21
ns
Body Diode Reverse Recovery Charge
QRR
10
12
nC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com