Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

UTN3055G-TN3-R Datasheet(PDF) 1 Page - Unisonic Technologies

Part # UTN3055G-TN3-R
Description  N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  UTC [Unisonic Technologies]
Direct Link  http://www.utc-ic.com
Logo UTC - Unisonic Technologies

UTN3055G-TN3-R Datasheet(HTML) 1 Page - Unisonic Technologies

  UTN3055G-TN3-R Datasheet HTML 1Page - Unisonic Technologies UTN3055G-TN3-R Datasheet HTML 2Page - Unisonic Technologies UTN3055G-TN3-R Datasheet HTML 3Page - Unisonic Technologies UTN3055G-TN3-R Datasheet HTML 4Page - Unisonic Technologies  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
UNISONIC TECHNOLOGIES CO., LTD
UTN3055
Power MOSFET
www.unisonic.com.tw
1 of 5
Copyright © 2012 Unisonic Technologies Co., Ltd
QW-R502-138.B
12A, 25V N-CHANNEL
ENHANCEMENT MODE
DESCRIPTION
The UTC UTN3055 is N-channel logic level enhancement
mode field effect transistor.
SYMBOL
1.Gate
3.Source
2.Drain
ORDERING INFORMATION
Ordering Number
Package
Pin Assignment
Packing
Lead Free
Halogen Free
1
2
3
UTN3055L-TN3-R
UTN3055G-TN3-R
TO-252
G
D
S
Tape Reel
UTN3055L-TN3-T
UTN3055G-TN3-T
TO-252
G
D
S
Tube


Similar Part No. - UTN3055G-TN3-R

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
UTN3055 UTC-UTN3055 Datasheet
128Kb / 4P
N-CHANNEL ENHANCEMENT MODE
UTN3055-TN3-R UTC-UTN3055-TN3-R Datasheet
128Kb / 4P
N-CHANNEL ENHANCEMENT MODE
UTN3055-TN3-T UTC-UTN3055-TN3-T Datasheet
128Kb / 4P
N-CHANNEL ENHANCEMENT MODE
UTN3055L-TN3-R UTC-UTN3055L-TN3-R Datasheet
128Kb / 4P
N-CHANNEL ENHANCEMENT MODE
UTN3055L-TN3-T UTC-UTN3055L-TN3-T Datasheet
128Kb / 4P
N-CHANNEL ENHANCEMENT MODE
More results

Similar Description - UTN3055G-TN3-R

ManufacturerPart #DatasheetDescription
logo
NEC
2SK3749 NEC-2SK3749 Datasheet
103Kb / 5P
N-CHANNEL MOSFET FOR HIGH-SPEED SWITCHING
logo
Unisonic Technologies
UK1398 UTC-UK1398 Datasheet
226Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
2N7002W UTC-2N7002W_15 Datasheet
179Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UK1398 UTC-UK1398_15 Datasheet
230Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
5N40 UTC-5N40_15 Datasheet
248Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
UP9971 UTC-UP9971_15 Datasheet
244Kb / 4P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
15N20 UTC-15N20_15 Datasheet
199Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
20N60 UTC-20N60_15 Datasheet
207Kb / 3P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
22N60 UTC-22N60_15 Datasheet
239Kb / 6P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
1N50-KW UTC-1N50-KW Datasheet
231Kb / 5P
N-CHANNEL MOSFET FOR HIGH SPEED SWITCHING
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com