Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16F870T Datasheet(PDF) 3 Page - Microchip Technology

Part # PIC16F870T
Description  28/40-Pin 8-Bit CMOS FLASH Microcontrollers
PDF  156 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F870T Datasheet(HTML) 3 Page - Microchip Technology

  PIC16F870T Datasheet HTML 1Page - Microchip Technology PIC16F870T Datasheet HTML 2Page - Microchip Technology PIC16F870T Datasheet HTML 3Page - Microchip Technology PIC16F870T Datasheet HTML 4Page - Microchip Technology PIC16F870T Datasheet HTML 5Page - Microchip Technology PIC16F870T Datasheet HTML 6Page - Microchip Technology PIC16F870T Datasheet HTML 7Page - Microchip Technology PIC16F870T Datasheet HTML 8Page - Microchip Technology PIC16F870T Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 156 page
background image
© 1999 Microchip Technology Inc.
Preliminary
DS30569A-page 3
PIC16F870/871
Key Features
PICmicro™ Mid-Range Reference Manual (DS33023)
PIC16F870
PIC16F871
Operating Frequency
DC - 20 MHz
DC - 20 MHz
Resets (and Delays)
POR, BOR
(PWRT, OST)
POR, BOR
(PWRT, OST)
FLASH Program Memory
(14-bit words)
2K
2K
Data Memory (bytes)
128
128
EEPROM Data Memory
64
64
Interrupts
10
11
I/O Ports
Ports A,B,C
Ports A,B,C,D,E
Timers
3
3
Capture/Compare/PWM modules
1
1
Serial Communications
USART
USART
Parallel Communications
—
PSP
10-bit Analog-to-Digital Module
5 input channels
8 input channels
Instruction Set
35 Instructions
35 Instructions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com