Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C75X Datasheet(PDF) 5 Page - Microchip Technology

Part # PIC17C75X
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C75X Datasheet(HTML) 5 Page - Microchip Technology

  PIC17C75X Datasheet HTML 1Page - Microchip Technology PIC17C75X Datasheet HTML 2Page - Microchip Technology PIC17C75X Datasheet HTML 3Page - Microchip Technology PIC17C75X Datasheet HTML 4Page - Microchip Technology PIC17C75X Datasheet HTML 5Page - Microchip Technology PIC17C75X Datasheet HTML 6Page - Microchip Technology PIC17C75X Datasheet HTML 7Page - Microchip Technology PIC17C75X Datasheet HTML 8Page - Microchip Technology PIC17C75X Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 5
PIC17C75X
1.0 OVERVIEW
This data sheet covers the PIC17C75X group of the
PIC17CXXX family of microcontrollers. The following
devices are discussed in this data sheet:
• PIC17C752
• PIC17C756
The PIC17C75X devices are 68-Pin, EPROM-based
members of the versatile PIC17CXXX family of
low-cost, high-performance, CMOS, fully-static, 8-bit
microcontrollers.
All PIC16/17 microcontrollers employ an advanced
RISC architecture. The PIC17CXXX has enhanced
core features, 16-level deep stack, and multiple internal
and external interrupt sources. The separate instruc-
tion and data buses of the Harvard architecture allow a
16-bit wide instruction word with a separate 8-bit wide
data path. The two stage instruction pipeline allows all
instructions to execute in a single cycle, except for pro-
gram branches (which require two cycles). A total of 58
instructions (reduced instruction set) are available.
Additionally, a large register set gives some of the
architectural innovations used to achieve a very high
performance. For mathematical intensive applications
all devices have a single cycle 8 x 8 Hardware Multi-
plier.
PIC17CXXX microcontrollers typically achieve a 2:1
code compression and a 4:1 speed improvement over
other 8-bit microcontrollers in their class.
PIC17C75X devices have up to 902 bytes of RAM and
50 I/O pins. In addition, the PIC17C75X adds several
peripheral features useful in many high performance
applications including:
• Four timer/counters
• Four capture inputs
• Three PWM outputs
• Two independant Universal Synchronous Asyn-
chronous Receiver Transmitters (USARTs)
• An A/D converter (12 channel, 10-bit resolution)
• A Synchronous Serial Port
(SPI and I2C w/ Master mode)
These special features reduce external components,
thus reducing cost, enhancing system reliability and
reducing power consumption.
There are four oscillator options, of which the single pin
RC oscillator provides a low-cost solution, the LF oscil-
lator is for low frequency crystals and minimizes power
consumption, XT is a standard crystal, and the EC is for
external clock input.
The SLEEP (power-down) mode offers additional
power saving. Wake-up from SLEEP can occur through
several external and internal interrupts and device
resets.
A highly reliable Watchdog Timer with its own on-chip
RC oscillator provides protection against software mal-
function.
There are four configuration options for the device
operational mode:
• Microprocessor
• Microcontroller
• Extended microcontroller
• Protected microcontroller
The microprocessor and extended microcontroller
modes allow up to 64K-words of external program
memory.
Brown-out Reset circuitry has also been added to the
device. This allows a device reset to occur if the device
VDD falls below the Brown-out voltage trip point
(BVDD). The chip will remain in Brown-out Reset until
VDD rises above BVDD.
Table 1-1 lists the features of the PIC17CXXX devices.
A UV-erasable CERQUAD-packaged version (compat-
ible with PLCC) is ideal for code development while the
cost-effective One-Time Programmable (OTP) version
is suitable for production in any volume.
The PIC17C75X fits perfectly in applications that
require extremely fast execution of complex software
programs. These include applications ranging from
precise motor control and industrial process control to
automotive, instrumentation, and telecom applications.
The EPROM technology makes customization of appli-
cation programs (with unique security codes, combina-
tions, model numbers, parameter storage, etc.) fast
and convenient. Small footprint package options
(including die sales) make the PIC17C75X ideal for
applications with space limitations that require high
performance.
An In-circuit Serial Programming (ISP) feature allows:
• Flexibility of programming the software code as
one of the last steps of the manufacturing process
High speed execution, powerful peripheral features,
flexible I/O, and low power consumption all at low cost
make the PIC17C75X ideal for a wide range of embed-
ded control applications.
1.1
Family and Upward Compatibility
The PIC17CXXX family of microcontrollers have archi-
tectural enhancements over the PIC16C5X and
PIC16CXX families. These enhancements allow the
device to be more efficient in software and hardware
requirements. Refer to Appendix A for a detailed list of
enhancements and modifications. Code written for
PIC16C5X or PIC16CXX can be easily ported to
PIC17CXXX devices (Appendix B).
1.2
Development Support
The PIC17CXXX family is supported by a full-featured
macro assembler, a software simulator, an in-circuit
emulator, a universal programmer, a “C” compiler, and
fuzzy logic support tools. For additional information see
Section 19.0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com