Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC16C925-S/PT Datasheet(PDF) 14 Page - Microchip Technology

Part # PIC16C925-S/PT
Description  64/68-Pin CMOS Microcontrollers with LCD Driver
PDF  182 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16C925-S/PT Datasheet(HTML) 14 Page - Microchip Technology

Back Button PIC16C925-S/PT Datasheet HTML 10Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 11Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 12Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 13Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 14Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 15Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 16Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 17Page - Microchip Technology PIC16C925-S/PT Datasheet HTML 18Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 182 page
background image
PIC16C925/926
DS39544A-page 12
Preliminary
 2001 Microchip Technology Inc.
2.2
Data Memory Organization
The data memory is partitioned into four banks which
contain the General Purpose Registers and the Special
Function Registers. Bits RP1 and RP0 are the bank
select bits.
The lower locations of each Bank are reserved for the
Special Function Registers. Above the Special Func-
tion Registers are General Purpose Registers imple-
mented as static RAM. All four banks contain special
function registers. Some “high use” special function
registers are mirrored in other banks for code reduction
and quicker access.
2.2.1
GENERAL PURPOSE REGISTER
FILE
The register file can be accessed either directly, or indi-
rectly
through
the
File
Select
Register
FSR
(Section 2.6).
The following General Purpose Registers are not phys-
ically implemented:
• F0h-FFh of Bank 1
• 170h-17Fh of Bank 2
• 1F0h-1FFh of Bank 3
These locations are used for common access across
banks.
RP1:RP0
(STATUS<6:5>)
Bank
11
3 (180h-1FFh)
10
2 (100h-17Fh)
01
1 (80h-FFh)
00
0 (00h-7Fh)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com