Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC17C752 Datasheet(PDF) 13 Page - Microchip Technology

Part # PIC17C752
Description  High-Performance 8-Bit CMOS EPROM Microcontrollers
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC17C752 Datasheet(HTML) 13 Page - Microchip Technology

Back Button PIC17C752 Datasheet HTML 9Page - Microchip Technology PIC17C752 Datasheet HTML 10Page - Microchip Technology PIC17C752 Datasheet HTML 11Page - Microchip Technology PIC17C752 Datasheet HTML 12Page - Microchip Technology PIC17C752 Datasheet HTML 13Page - Microchip Technology PIC17C752 Datasheet HTML 14Page - Microchip Technology PIC17C752 Datasheet HTML 15Page - Microchip Technology PIC17C752 Datasheet HTML 16Page - Microchip Technology PIC17C752 Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 320 page
background image
© 1997 Microchip Technology Inc.
Preliminary
DS30264A-page 13
PIC17C75X
PORTG is a bi-directional I/O Port.
RG0/AN3
32
34
24
I/O
ST
RG0 can also be analog input 3.
RG1/AN2
31
33
23
I/O
ST
RG1 can also be analog input 2.
RG2/AN1/VREF-
30
32
22
I/O
ST
RG2 can also be analog input 1, or
the ground reference voltage
RG3/AN0/VREF+
29
31
21
I/O
ST
RG3 can also be analog input 0, or
the positive reference voltage
RG4/CAP3
35
38
27
I/O
ST
RG4 can also be the Capture3 input pin.
RG5/PWM3
36
39
28
I/O
ST
RG5 can also be the PWM3 output pin.
RG6/RX2/DT2
38
41
30
I/O
ST
RG6 can also be selected as the USART2 (SCI) Asyn-
chronous Receive or USART2 (SCI) Synchronous
Data.
RG7/TX2/CK2
37
40
29
I/O
ST
RG7 can also be selected as the USART2 (SCI) Asyn-
chronous Transmit or USART2 (SCI) Synchronous
Clock.
TEST
16
17
8
I
ST
Test mode selection control input. Always tie to VSS for nor-
mal operation.
VSS
17,
33,
49,
64
19,
36,53,
68
9, 25,
41, 56
P
Ground reference for logic and I/O pins.
VDD
1,
18,
34,
46
2, 20,
37,
49,
10,
26,
38, 57
P
Positive supply for logic and I/O pins.
AVSS
28
30
20
P
Ground reference for A/D converter.
This pin
MUST be at the same potential as VSS.
AVDD
27
29
19
P
Positive supply for A/D converter.
This pin
MUST be at the same potential as VDD.
NC
-
1, 18,
35, 52
-
No Connect. Leave these pins unconnected.
TABLE 3-1: PINOUT DESCRIPTIONS
Name
DIP
No.
PLCC
No.
TQFP
No.
I/O/P
Type
Buffer
Type Description
Legend: I = Input only; O = Output only; I/O = Input/Output; P = Power; — = Not Used; TTL = TTL input;
ST = Schmitt Trigger input.
†
The output is only available by the Peripheral operation.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com