Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

PIC18C601 Datasheet(PDF) 21 Page - Microchip Technology

Part # PIC18C601
Description  High-Performance ROM-less Microcontrollers with External Memory Bus
PDF  320 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC18C601 Datasheet(HTML) 21 Page - Microchip Technology

Back Button PIC18C601 Datasheet HTML 17Page - Microchip Technology PIC18C601 Datasheet HTML 18Page - Microchip Technology PIC18C601 Datasheet HTML 19Page - Microchip Technology PIC18C601 Datasheet HTML 20Page - Microchip Technology PIC18C601 Datasheet HTML 21Page - Microchip Technology PIC18C601 Datasheet HTML 22Page - Microchip Technology PIC18C601 Datasheet HTML 23Page - Microchip Technology PIC18C601 Datasheet HTML 24Page - Microchip Technology PIC18C601 Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 320 page
background image
 2001 Microchip Technology Inc.
Advance Information
DS39541A-page 21
PIC18C601/801
2.0
OSCILLATOR
CONFIGURATIONS
2.1
Oscillator Types
PIC18C601/801 can be operated in one of four oscilla-
tor
modes,
programmable
by
configuration
bits
FOSC1:FOSC0 in CONFIG1H register:
1.
LP
Low Power Crystal
2.
HS
High Speed Crystal/Resonator
3.
RC
External Resistor/Capacitor
4.
EC
External Clock
2.2
Crystal Oscillator/Ceramic
Resonators
In LP or HS oscillator modes, a crystal or ceramic res-
onator is connected to the OSC1 and OSC2 pins to
establish oscillation. Figure 2-1 shows the pin connec-
tions. An external clock source may also be connected
to the OSC1 pin, as shown in Figure 2-3 and Figure 2-4.
PIC18C601/801 oscillator design requires the use of a
parallel cut crystal.
FIGURE 2-1:
CRYSTAL/CERAMIC
RESONATOR OPERATION
(HS OR LP OSC
CONFIGURATION)
Note:
Use of a series cut crystal may give a fre-
quency out of the crystal manufacturer’s
specifications.
Note 1: See Table 2-1 and Table 2-2 for recom-
mended values of C1 and C2.
2: A series resistor (RS) may be required for AT
strip cut crystals.
3: RF varies with the crystal chosen.
C1(1)
C2(1)
XTAL
OSC2
OSC1
RF(3)
SLEEP
To
Logic
PIC18C601/801
RS(2)
Internal



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com