Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMC Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # DMC
Description  ELECTRIC DOUBLE LAYER CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

DMC Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  DMC Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
□:Tolerance
(M:±20)
 **:Lead Forming
2.7DMC2R2□**8×18
2.7DMC4R7□**10×23
2.7DMC10□**12.5×30
3.0DMC1□**8×18
3.0DMC2R2□**10×18
3.0DMC3R3□**10×23
ELECTRIC DOUBLE LAYER CAPACITORS
◆SPECIFICATIONS
Characteristics
−25∼+70℃
2.7Vdc
−25∼+60℃
3.0Vdc
±20% (20℃)
After 1000 hours with rated voltage at upper category temperature,
the capacitors shall meet the following requirements.
After 1000 hours without load at upper category temperature,
the capacitors shall meet the same requirements specified for endurance.
◆DIMENSIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Characteristics at High and
low Temperatures
Endurance
Storage at High Temperature
Items
ESR
Capacitance Change
|ΔC/C(initial)|≦30%
Max, 3 times of the specification
ESR
Capacitance Change
|ΔC/C(+20℃)|≦30%
Max, 4 times of value at +20℃ (at −25℃)
2.7
3.0
2.2
4.7
10
1
2.2
3.3
1
0.5
0.2
2
1
0.7
8×18
10×23
12.5×30
8×18
10×18
10×23
◆STANDARD SIZE
◆PART NUMBER
□□□
Rated Voltage
DMC
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
□
Capacitance Tolerance
φD
φd
F
10
5.0
0.6
8
3.5
0.6
12.5
5.0
0.6
SERIES
DMC
Load Life: 2.7V, 3V 1000hours
◆FEATURES
・High Voltage.
・RoHS compliance.
L+2.0 MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)
F ±0.5
Rated Voltage
(Vdc)
Capacitance
(F)
ESR
(Ω/20℃, 1kHz)
φD×L
(mm)
DMC
Part No.
Lead Forming : Please refer to aluminum electrolytic capacitors section.
(mm)


Similar Part No. - DMC

ManufacturerPart #DatasheetDescription
logo
Adam Technologies, Inc.
DMC-01-B ADAM-TECH-DMC-01-B Datasheet
73Kb / 1P
MALE CRIMP FOR DDH SERIES
DMC-01-R ADAM-TECH-DMC-01-R Datasheet
67Kb / 1P
MALE CRIMP FOR DDH SERIES
logo
Kyocera Kinseki Corpota...
DMC-16202 KSS-DMC-16202 Datasheet
269Kb / 4P
Monochrome Graphic & Character LCDs
DMC-20261 KSS-DMC-20261 Datasheet
269Kb / 4P
Monochrome Graphic & Character LCDs
logo
OPTREX CORPORATION
DMC-20434 OPTREX-DMC-20434 Datasheet
67Kb / 1P
DIMENSIONAL OUTLINE
More results

Similar Description - DMC

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JJCOE156MEL NICHICON-JJCOE156MEL Datasheet
62Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DSA RUBYCON-DSA Datasheet
175Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
Electric Double Layer Capacitors
logo
RUBYCON CORPORATION
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB3R3M8X20 RUBYCON-2.5DMB3R3M8X20 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB50M18X40 RUBYCON-2.5DMB50M18X40 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com