Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DMH Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # DMH
Description  ELECTRIC DOUBLE LAYER CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

DMH Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  DMH Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
□:Tolerance
(M:±20)
 **:Lead Forming
2.3DMH2□**8X16
2.3DMH2R5□**8X18
2.3DMH3R3□**10X16
2.3DMH4R7□**10X20
2.3DMH6R8□**10X30
2.3DMH10□**10X35
ELECTRIC DOUBLE LAYER CAPACITORS
◆SPECIFICATIONS
Characteristics
−25∼+85℃
2.3Vdc
±20% (20℃)
After 1000 hours with rated voltage at 85℃, the capacitors shall meet the following requirements.
After 1000 hours without load at 85℃, the capacitors shall meet the same requirements specified for endurance.
◆DIMENSIONS
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Characteristics at High and
low Temperatures
Endurance
Storage at High Temperature
Items
ESR
Capacitance Change
|ΔC/C(initial)|≦30%
Max, 3 times of the specification
ESR
Capacitance Change
|ΔC/C(+20℃)|≦30%
Max, 4 times of value at +20℃ (at −25℃)
2.3
2
2.5
3.3
4.7
6.8
10
1
0.8
0.7
0.5
0.3
0.2
8×16
8×18
10×16
10×20
10×30
10×35
◆STANDARD SIZE
◆PART NUMBER
□□□
Rated Voltage
DMH
Series
□□□
Option
□□
Lead Forming
D×L
Case Size
□□□□□
Capacitance
□
Capacitance Tolerance
φD
φd
F
10
5.0
0.6
0.6
8
3.5
SERIES
DMH
Load Life: 85℃ 1000 hours
◆FEATURES
・High Temperature.
・RoHS compliance.
L+2.0 MAX
15MIN
4MIN
φd
φD+0.5MAX
SLEEVE
(PET)
F ±0.5
Rated Voltage
(Vdc)
Capacitance
(F)
ESR
(Ω/20℃, 1kHz)
φD×L
(mm)
DMH
Part No.
Lead Forming : Please refer to aluminum electrolytic capacitors section.
(mm)
NEW


Similar Part No. - DMH

ManufacturerPart #DatasheetDescription
logo
Merrimac Industries, In...
DMH-4R-1000 MERRIMAC-DMH-4R-1000 Datasheet
92Kb / 1P
DOUBLE BALANCED MIXER
logo
List of Unclassifed Man...
DMH-A-001 ETC-DMH-A-001 Datasheet
227Kb / 2P
Accessories – Backshells – D*H Series
DMH-A-003 ETC-DMH-A-003 Datasheet
227Kb / 2P
Accessories – Backshells – D*H Series
DMH-B-001 ETC-DMH-B-001 Datasheet
227Kb / 2P
Accessories – Backshells – D*H Series
DMH-B-003 ETC-DMH-B-003 Datasheet
227Kb / 2P
Accessories – Backshells – D*H Series
More results

Similar Description - DMH

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JJCOE156MEL NICHICON-JJCOE156MEL Datasheet
62Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
DSA RUBYCON-DSA Datasheet
175Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
Electric Double Layer Capacitors
logo
RUBYCON CORPORATION
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB3R3M8X20 RUBYCON-2.5DMB3R3M8X20 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com