Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DSA Datasheet(PDF) 1 Page - RUBYCON CORPORATION

Part # DSA
Description  ELECTRIC DOUBLE LAYER CAPACITORS
PDF  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RUBYCON [RUBYCON CORPORATION]
Direct Link  http://www.rubycon.com
Logo RUBYCON - RUBYCON CORPORATION

DSA Datasheet(HTML) 1 Page - RUBYCON CORPORATION

  DSA Datasheet HTML 1Page - RUBYCON CORPORATION  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
□:Tolerance
(M:±20)
 **:Clamp code
ELECTRIC DOUBLE LAYER CAPACITORS
◆SPECIFICATIONS
−25∼+60℃
DSA
DSB
2.5Vdc
±20%
(20℃)
After 2000 hours with rated voltage at 60℃, the capacitors shall meet the following requirements.
After 2000 hours without load at 60℃, the capacitors shall meet the same requiremnts specifiled for endurance.
Category Temperature Range
Rated Voltage Range
Capacitance Tolerance
Characteristics at High and
low Temperatures
Endurance
Storage at High Temperature
Items
Capacitance Change
|ΔC/C(initial)|≦30%
Max, 3 times of the specification
Capacitance Change
DC Internal Resistance
DC Internal Resistance
|ΔC/C(+20℃)|≦30%
Max, 6 times of value at 20℃(at −25℃)
2.5
◆STANDARD SIZE
◆PART NUMBER
□□□
Rated Voltage
□□□
Series
□□□
Option
□□□□□
Capacitance
□
Capacitance Tolerance
SERIES
DSB
Load Life: 60℃ 2000 hours, High Capacitance
Rated Voltage
(Vdc)
Capacitance
(F)
DC Internal Resistance
(mΩ/20℃)
φD x L
(mm)
DSA/DSB
Part No.
Series
□□
Clamp Code
D×L
Case Size
2.5
DSB
DSA
◆FEATURES
 ・RoHS compliance.
SERIES
DSA
Load Life: 60℃ 2000 hours, Low Resistance
φD
〈I type〉
〈Y type〉
Clamp code NB:No stopping clamp
Clamp code TI:Two stopping clamp
Clamp code TY:Three stopping clamp
51
51
34.0
32.5
40.0
37.5
3.5
4.5
6.0
6.0
12
12
W1
W2
W3
W4
W5
36 24.0 30.0 3.5
7.0
10 12.7
21.8
21.8
F
◆DIMENSIONS(not to scale)
(mm)
2.5DSA850□**36×135
2.5DSA1900□**51×135
2.5DSB1000□**36×135
2.5DSB2300□**51×135
850
1900
1000
2300
4
2
10
5
36×135
51×135
36×135
51×135
L±3
Plate
Clamp
Sleeve
Case
Screw
Terminal Bolt
W5
M5 P
=0.8Bolt
F±1
W3
Mounting
Vent
L±3
Plate
Clamp
Sleeve
Case Screw
Terminal
Bolt
M5 P=0.8Bolt
F±1
W4
W3
Mounting
Vent
W5
Clamp Bolt
Clamp Bolt


Similar Part No. - DSA

ManufacturerPart #DatasheetDescription
logo
Nihon Kaiheiki Industry...
DSA NKK-DSA Datasheet
399Kb / 6P
Distinctive Characteristics
logo
Stontronics Ltd.
DSA-0151A-05 STONTRONICS-DSA-0151A-05 Datasheet
1Mb / 2P
DSA-151A-XX 15 Watt Series Safety Certifications
DSA-0151A-06 STONTRONICS-DSA-0151A-06 Datasheet
1Mb / 2P
DSA-151A-XX 15 Watt Series Safety Certifications
DSA-0151A-07 STONTRONICS-DSA-0151A-07 Datasheet
1Mb / 2P
DSA-151A-XX 15 Watt Series Safety Certifications
DSA-0151A-09 STONTRONICS-DSA-0151A-09 Datasheet
1Mb / 2P
DSA-151A-XX 15 Watt Series Safety Certifications
More results

Similar Description - DSA

ManufacturerPart #DatasheetDescription
logo
Nichicon corporation
JJLOE407MSE NICHICON-JJLOE407MSE Datasheet
66Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JJCOE156MEL NICHICON-JJCOE156MEL Datasheet
62Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
JUWT1105MCD NICHICON-JUWT1105MCD Datasheet
47Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
RUBYCON CORPORATION
DMC RUBYCON-DMC Datasheet
183Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Panasonic Semiconductor
EECSE0H224 PANASONIC-EECSE0H224 Datasheet
55Kb / 1P
Electric Double Layer Capacitors
logo
RUBYCON CORPORATION
2.5DMB2R2M8X16 RUBYCON-2.5DMB2R2M8X16 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB3R3M8X20 RUBYCON-2.5DMB3R3M8X20 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB50M18X40 RUBYCON-2.5DMB50M18X40 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
2.5DMB100M20X55 RUBYCON-2.5DMB100M20X55 Datasheet
153Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
logo
Yellow Stone Corp
MPL YSTONE-MPL Datasheet
322Kb / 1P
ELECTRIC DOUBLE LAYER CAPACITORS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com